Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 193 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 193 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 189Page - Advanced Micro Devices AM79C976 Datasheet HTML 190Page - Advanced Micro Devices AM79C976 Datasheet HTML 191Page - Advanced Micro Devices AM79C976 Datasheet HTML 192Page - Advanced Micro Devices AM79C976 Datasheet HTML 193Page - Advanced Micro Devices AM79C976 Datasheet HTML 194Page - Advanced Micro Devices AM79C976 Datasheet HTML 195Page - Advanced Micro Devices AM79C976 Datasheet HTML 196Page - Advanced Micro Devices AM79C976 Datasheet HTML 197Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 309 page
background image
8/01/00
Am79C976
193
P R E L I M INARY
&65 5HVHUYHG
Bit
Name
Description
31-0
RES
Reserved locations. Written as
zeros and read as undefined.
&65&KLS,' 5HJLVWHU/RZHU
Bit
Name
Description
31-16
RES
Reserved locations.
Read as undefined.
15-12
PARTIDL
Lower 4 bits of the Am79C976
controller part number, i.e. 1000b
(8h). PARTIDN and PARTIDL
comprise the 16-bit code for the
Am79C976 controller, which is
0010 0110 0010 1000b (2628h).
This register is exactly the same
as the Device ID register in the
JTAG description. However, this
part number is different from that
stored in the Device ID register in
the PCI configuration space.
PARTIDL is read only. Write op-
erations are ignored.
11-1
MANFID
Manufacturer ID. The 11-bit man-
ufacturer
code
for
AMD
is
00000000001b. This code is per
the JEDEC Publication 106-A.
Note that this code is not the
same as the Vendor ID in the PCI
configuration space.
MANFID is read only. Write oper-
ations are ignored.
0
ONE
Always a logic 1.
ONE is read only. Write opera-
tions are ignored.
&65&KLS,' 5HJLVWHU8SSHU
Bit
Name
Description
31-16
RES
Reserved locations. Read as un-
defined.
15-12
VER
Version. This 4-bit pattern is sili-
con-revision dependent.
VER is read only. Write opera-
tions are ignored.
11-0
PARTIDU
Upper 12 bits of the Am79C976
controller part number, i.e., 0010
0110 0010b (262h).
PARTIDU is read only. Write op-
erations are ignored.
&65 5HVHUYHG
Bit
Name
Description
31-0
RES
Reserved locations. Written as
zeros and read as undefined.
&65 %XV7LPHRXW
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15-0
MERRTO
Obsolete function. Writing has no
effect. Read as undefined.
&655HVHUYHG
Bit
Name
Description
31-0
RES
Reserved locations. Written as
zeros and read as undefined.
&650LVVHG)UDPH &RXQW
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15-0
MFC
Obsolete function. Replaced by
MIB counter. Writing has no ef-
fect. Read as undefined.
&655HVHUYHG
Bit
Name
Description
31-0
RES
Reserved locations. Written as
zeros and read as undefined.
&655HFHLYH &ROOLVLRQ&RXQW
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15-0
RCC
Obsolete function. Replaced by
MIB counter. Writing has no ef-
fect. Read as undefined.
&655HVHUYHG
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com