Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 194 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 194 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 190Page - Advanced Micro Devices AM79C976 Datasheet HTML 191Page - Advanced Micro Devices AM79C976 Datasheet HTML 192Page - Advanced Micro Devices AM79C976 Datasheet HTML 193Page - Advanced Micro Devices AM79C976 Datasheet HTML 194Page - Advanced Micro Devices AM79C976 Datasheet HTML 195Page - Advanced Micro Devices AM79C976 Datasheet HTML 196Page - Advanced Micro Devices AM79C976 Datasheet HTML 197Page - Advanced Micro Devices AM79C976 Datasheet HTML 198Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 309 page
background image
194
Am79C976
8/01/00
P R E L I M INARY
31-0
RES
Reserved locations. Written as
zeros and read as undefined.
&652Q1RZ 3RZHU 0RGH5HJLVWHU
Note: Bits 10-0 in this register are programmable
through the EEPROM.
Bit
Name
Description
31-11
RES
Reserved locations. Written as
zeros and read as undefined.
10
PME_EN_OVR
PME_EN Overwrite. When
this
bit is set and the MPMAT or LC-
DET bit is set, the PME pin will al-
ways be asserted regardless of
the state of PME_EN bit.
Read/Write accessible. Cleared
by H_RESET and is not affected
by S_RESET or setting the STOP
bit.
9
LCDET
Link Change Detected. This bit is
set when the MII auto-polling log-
ic detects a change in link status
and the LCMODE bit is set.
This bit can be cleared to 0 either
by writing 1 to CSR116, bit 9 or by
writing 1 to STAT0, bit 10.
LCDET is cleared when power is
initially applied (POR).
Read/Write accessible.
8
LCMODE
Link Change Wake-up Mode.
When this bit is set to 1, the LC-
DET bit gets set when the MII
auto polling logic detects a Link
Change.
Read/Write accessible. Cleared
by H_RESET and is not affected
by S_RESET or setting the STOP
bit.
7
PMAT
Pattern Matched. This bit is set
when the PMMODE bit is set and
an OnNow pattern match occurs.
This bit can be cleared to 0 either
by writing 0 to CSR116, bit 7 or by
writing 1 to STAT0, bit 12.
PMAT is cleared when power is
initially applied (POR).
Read/Write accessible.
6
EMPPLBA
Magic Packet Physical Logical
Broadcast Accept. If both EMP-
PLBA and MPPLBA (CSR5, bit 5)
are at their default value of 0, the
Am79C976 controller will only de-
tect a Magic Packet frame if the
destination address of the packet
matches the content of the physi-
cal address register (PADR). If ei-
ther EMPPLBA or MPPLBA is set
to 1, the destination address of
the Magic Packet frame can be
unicast, multicast, or broadcast.
Note that the setting of EMPPL-
BA and MPPLBA only affects the
address detection of the Magic
Packet frame. The Magic Packet
frame’s data sequence must be
made up of 16 consecutive phys-
ical addresses (PADR[47:0]) re-
gardless
of
what
kind
of
destination address it has.
Read/Write
accessible.
EMPPLBA
is
set
to
0
by
H_RESET or S_RESET and is
not affected by setting the STOP
bit.
5
MPMAT
Magic Packet Match. This bit is
set when PCnet-FAST+ detects a
Magic Packet while it is in the
Magic Packet mode.
This bit can be cleared to 0 either
by writing 0 to CSR116, bit 5 or by
writing 1 to STAT0, bit 11.
MPMAT is cleared when power is
initially applied (POR).
Read/Write accessible.
4
MPPEN
Magic Packet Pin Enable. When
this bit is set, the device enters
the Magic Packet mode when the
PG input goes LOW or MPEN bit
(CSR5, bit 2) gets set to 1. This
bit is OR’ed with MPEN (CSR5,
bit 2).
Read/Write accessible. Cleared
by H_RESET and is not affected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com