Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C976 Datasheet(PDF) 195 Page - Advanced Micro Devices

Part # AM79C976
Description  PCnet-PRO??10/100 Mbps PCI Ethernet Controller
PDF  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C976 Datasheet(HTML) 195 Page - Advanced Micro Devices

Back Button AM79C976 Datasheet HTML 191Page - Advanced Micro Devices AM79C976 Datasheet HTML 192Page - Advanced Micro Devices AM79C976 Datasheet HTML 193Page - Advanced Micro Devices AM79C976 Datasheet HTML 194Page - Advanced Micro Devices AM79C976 Datasheet HTML 195Page - Advanced Micro Devices AM79C976 Datasheet HTML 196Page - Advanced Micro Devices AM79C976 Datasheet HTML 197Page - Advanced Micro Devices AM79C976 Datasheet HTML 198Page - Advanced Micro Devices AM79C976 Datasheet HTML 199Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 309 page
background image
8/01/00
Am79C976
195
P R E L I M INARY
by S_RESET or setting the STOP
bit.
3
RWU_DRIVER RWU Driver Type. If this bit is set
to 1, RWU is a totem pole driver;
otherwise RWU is an open drain
output.
Read/Write accessible. Cleared
by H_RESET and is not affected
by S_RESET or setting the STOP
bit.
2
RWU_GATE RWU Gate Control. If this bit is
set, RWU is forced to the high Im-
pedance State when PG is LOW,
regardless of the state of the
MPMAT and LCDET bits.
Read/Write accessible. Cleared
by H_RESET and is not affected
by S_RESET or setting the STOP
bit.
1
RWU_POL RWU Pin Polarity. If RWU_POL
is set to 1, the RWU pin is normal-
ly HIGH and asserts LOW; other-
wise, RWU is normally LOW and
asserts HIGH.
Read/Write accessible. Cleared
by H_RESET and is not affected
by S_RESET or setting the STOP
bit.
0
RST_POL
PHY_RST Pin Polarity. If the
PHY_POL
is
set
to
1,
the
PHY_RST pin is active LOW; oth-
erwise,
PHY_RST
is
active
HIGH.
Read/Write accessible. Cleared
by H_RESET and is not affected
by S_RESET or setting the STOP
bit.
&65 5HVHUYHG
Bit
Name
Description
31-0
RES
Reserved locations. Written as
zeros and read as undefined.
&65 $GYDQFHG )HDWXUH &RQWURO
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15-2
RES
Reserved locations. Written as
zeros and read as undefined.
0
RCVALGN
Receive Packet Align. When set,
this bit forces the data field of ISO
8802-3 (IEEE/ANSI 802.3) pack-
ets to align to 0 MOD 4 address
boundaries (i.e., DWord aligned
addresses). It is important to note
that this feature will only function
correctly if all receive buffer
boundaries are DWord aligned
and all receive buffers have 0
MOD 4 lengths. In order to ac-
complish the data alignment, the
Am79C976 controller simply in-
serts two bytes of random data at
the beginning of the receive
packet (i.e., before the ISO 8802-
3 (IEEE/ANSI 802.3) destination
address field). The MCNT field
reported to the receive descriptor
will not include the extra two
bytes.
Read/Write
accessible.
RCVALGN
is
cleared
by
H_RESET or S_RESET and is
not affected by STOP.
&65 5HVHUYHG
Bit
Name
Description
31-0
RES
Reserved locations. Written as
zeros and read as undefined.
&65 7HVW5HJLVWHU
This register is used to place the Am79C976 controller
into various test modes. The Runt Packet Accept is the
only user accessible test mode. All other test modes are
for AMD internal use only.
Bit
Name
Description
31-16
RES
Reserved locations. Written as
zeros and read as undefined.
15-4
RES
Reserved locations. Written as
zeros and read as undefined.
3
RPA
Runt Packet Accept. This bit forc-
es the Am79C976 controller to
accept runt packets (packets
shorter than 64 bytes).
The minimum packet size that
can be received is 12 bytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com