Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3803 Datasheet(PDF) 21 Page - Microchip Technology

Part # USB3803
Description  USB 2.0 High-Speed Hub Controller Optimized
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3803 Datasheet(HTML) 21 Page - Microchip Technology

Back Button USB3803 Datasheet HTML 17Page - Microchip Technology USB3803 Datasheet HTML 18Page - Microchip Technology USB3803 Datasheet HTML 19Page - Microchip Technology USB3803 Datasheet HTML 20Page - Microchip Technology USB3803 Datasheet HTML 21Page - Microchip Technology USB3803 Datasheet HTML 22Page - Microchip Technology USB3803 Datasheet HTML 23Page - Microchip Technology USB3803 Datasheet HTML 24Page - Microchip Technology USB3803 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 99 page
background image
 2014-2015 Microchip Technology Inc.
DS00001691B-page 21
USB3803
TABLE 5-2:
SERIAL INTERFACE REGISTERS
Reg
Addr
R/W
Register Name
Abbrevation
Section
00h
R/W
VID LSB
VIDL
5.3.1, page 23
01h
R/W
VID MSB
VIDM
5.3.2, page 23
02h
R/W
PID LSB
PIDL
5.3.3, page 23
03h
R/W
PID MSB
PIDM
5.3.4, page 23
04h
R/W
DID LSB
DIDL
5.3.5, page 23
05h
R/W
DID MSB
DIDM
5.3.6, page 23
06h
R/W
Config Data Byte 1
CFG1
5.3.7, page 24
07h
R/W
Config Data Byte 2
CFG2
5.3.8, page 25
08h
R/W
Config Data Byte 3
CFG3
5.3.9, page 25
09h
R/W
Non-Removable Devices
NRD
5.3.10, page 26
0Ah
R/W
Port Disable (Self)
PDS
5.3.11, page 26
0Bh
R/W
Port Disable (Bus)
PDB
5.3.12, page 27
0Ch
R/W
Max Power (Self)
MAXPS
5.3.13, page 27
0Dh
R/W
Max Power (Bus)
MAXPB
5.3.14, page 27
0Eh
R/W
Hub Controller Max Current
(Self)
HCMCS
5.3.15, page 28
0Fh
R/W
Hub Controller Max Current
(Bus)
HCMCB
5.3.16, page 28
10h
R/W
Power-on Time
PWRT
5.3.17, page 28
11h
R/W
LANG_ID_H
LANGIDH
5.3.18, page 28
12h
R/W
LANG_ID_L
LANGIDL
5.3.19, page 29
13h
R/W
MFR_STR_LEN
MFRSL
5.3.20, page 29
14h
R/W
PRD_STR_LEN
PRDSL
5.3.21, page 29
15h
R/W
SER_STR_LEN
SERSL
5.3.22, page 29
16h-
53h
R/W
MFR_STR
MANSTR
5.3.23, page 29
54h-
91h
R/W
PROD_STR
PRDSTR
5.3.24, page 29
92h-
CFh
R/W
SER_STR
SERSTR
5.3.25, page 30
D0h
R/W
Downstream Battery Charging
BC_EN
5.3.26, page 30
D1-E1h
R/W
Reserved
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com