Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3803 Datasheet(PDF) 95 Page - Microchip Technology

Part # USB3803
Description  USB 2.0 High-Speed Hub Controller Optimized
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3803 Datasheet(HTML) 95 Page - Microchip Technology

Back Button USB3803 Datasheet HTML 91Page - Microchip Technology USB3803 Datasheet HTML 92Page - Microchip Technology USB3803 Datasheet HTML 93Page - Microchip Technology USB3803 Datasheet HTML 94Page - Microchip Technology USB3803 Datasheet HTML 95Page - Microchip Technology USB3803 Datasheet HTML 96Page - Microchip Technology USB3803 Datasheet HTML 97Page - Microchip Technology USB3803 Datasheet HTML 98Page - Microchip Technology USB3803 Datasheet HTML 99Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 95 / 99 page
background image
 2014-2015 Microchip Technology Inc.
DS00001691B-page 95
USB3803
APPENDIX A:
REVISION HISTORY
TABLE A-1:
REVISION HISTORY
Revision Level & Date
Section/Figure/Entry
Correction
DS00001691B (03-16-15)
Figure 12-1, "25WLCSP,
1.95x1.95mm Body, 0.4mm
Pitch"
Package diagram updated.
Section 10.6, "Dynamic
Characteristics: Digital I/O
Pins," on page 82
Changed RESET_N minimum active low pulse
from 100
μs to 1ms.
FIGURE 12-6: Package
marking on page 94
Added note under figure: “Note: The Family/Device
Number for the USB3803 is “03”.”
Cover
Updated ESD bullet for consistency.
Section 1.0, "General
Description," on page 4
Added new section detailing differences between
USB3803 family members, including functional
revision B and C information.
All
Simplified part number throughout document:
“USB3803C” -> “USB3803”
Added “(USB3803C Only)” caveats throughout
document in sections specific to Bypass Mode.
DS00001691A replaces the previous SMSC version, Revision 1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com