Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3803 Datasheet(PDF) 25 Page - Microchip Technology

Part # USB3803
Description  USB 2.0 High-Speed Hub Controller Optimized
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3803 Datasheet(HTML) 25 Page - Microchip Technology

Back Button USB3803 Datasheet HTML 21Page - Microchip Technology USB3803 Datasheet HTML 22Page - Microchip Technology USB3803 Datasheet HTML 23Page - Microchip Technology USB3803 Datasheet HTML 24Page - Microchip Technology USB3803 Datasheet HTML 25Page - Microchip Technology USB3803 Datasheet HTML 26Page - Microchip Technology USB3803 Datasheet HTML 27Page - Microchip Technology USB3803 Datasheet HTML 28Page - Microchip Technology USB3803 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 99 page
background image
 2014-2015 Microchip Technology Inc.
DS00001691B-page 25
USB3803
5.3.8
REGISTER 07H: CONFIGURATION DATA BYTE 2 - CFG2
5.3.9
REGISTER 08H: CONFIGURATION DATA BYTE 3 - CFG3
2:1
CUR-
RENT_SNS
Over Current Sense: Selects current sensing on a port-by-port basis, all ports
ganged, or none (only for bus-powered hubs) The ability to support current sens-
ing on a port or ganged basis is hardware implementation dependent.
00 = Ganged sensing (all ports together).
01 = Individual port-by-port.
1x = Over current sensing not supported. (must only be used with Bus- Powered
configurations!)
0
PORT_PWR
Port Power Switching: Enables power switching on all ports simultaneously
(ganged), or port power is individually switched on and off on a port- by-port
basis (individual). The ability to support power enabling on a port or ganged
basis is hardware implementation dependent.
0 = Ganged switching (all ports together)
1 = Individual port-by-port switching.
Bit Number
Bit Name
Description
7:4
Reserved
Reserved
3
COMPOUND
Compound Device: Allows the customer to indicate that the Hub is part of a com-
pound (see the USB Specification for definition) device. The applicable port(s)
must also be defined as having a “Non-Removable Device”.
0 = No.
1 = Yes, Hub is part of a compound device.
2:0
Reserved
Reserved
Bit Number
Bit Name
Description
7:4
Reserved
Reserved
3
PRTMAP_EN
Port Re-Mapping enable: Selects the method used by the hub to assign port
numbers and disable ports
‘0’ = Standard Mode. The following registers are used to define which ports are
enabled, and the ports are mapped as Port “n” on the hub is reported as Port ‘n’
to the host, unless one of the ports is disabled, then the higher numbered ports
are remapped in order to report contiguous port numbers to the host.
Section 5.3.11 Register 0A
Section 5.3.12 Register 0B
‘1’ = Port Re-Map mode. The mode enables remapping via the registers defined
below.
Section 5.3.43 Register FB
Section 5.3.44 Register FC
Bit Number
Bit Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com