Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3803 Datasheet(PDF) 43 Page - Microchip Technology

Part # USB3803
Description  USB 2.0 High-Speed Hub Controller Optimized
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3803 Datasheet(HTML) 43 Page - Microchip Technology

Back Button USB3803 Datasheet HTML 39Page - Microchip Technology USB3803 Datasheet HTML 40Page - Microchip Technology USB3803 Datasheet HTML 41Page - Microchip Technology USB3803 Datasheet HTML 42Page - Microchip Technology USB3803 Datasheet HTML 43Page - Microchip Technology USB3803 Datasheet HTML 44Page - Microchip Technology USB3803 Datasheet HTML 45Page - Microchip Technology USB3803 Datasheet HTML 46Page - Microchip Technology USB3803 Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 99 page
background image
 2014-2015 Microchip Technology Inc.
DS00001691B-page 43
USB3803
6.2
Interconnecting the USB3803 to an I2C Master
6.3
I2C Message Format
6.3.1
SEQUENTIAL ACCESS WRITES
The I2C interface will support sequential writing of the register address space of the USB3803. This mode is useful for
configuring contiguous blocks of registers. Please see section on SOC interface for address definitions. Figure 6-2
shows the format of the sequential write operation. Where color is visible in the figure, blue indicates signaling from the
I2C master, and gray indicates signaling from the USB3803 slave:
In this operation, following the 7-bit slave address, 8-bit register address is written indicating the start address for
sequential write operation. Every data access after that is a data write to a data register where the register address incre-
ments after each access and ACK from the slave must occur. Sequential write access is terminated by a Stop condition.
FIGURE 6-1:
I2C CONNECTIONS
Note:
The largest pullup values which meet the customer application should be selected in order to minimize
power consumption. Pullup values must also have low enough resistance to support the desired i2C oper-
ating speed with the expected total capacitance in the application. Typical applications are expected to use
pullup values between 220Ω and 2.7kΩ for operation at 1MHz on SCL and SDA. Larger pullup resistors
may be acceptable for operation at 400KHz or 100KHz.
FIGURE 6-2:
I2C SEQUENTIAL ACCESS WRITE FORMAT
I2C
MASTER
CONTROLLER
USB3803
SCL
SDA
SOC
SCL
SDA
VDD
INT
INT
S
7-Bit Slave Address
0
P
A
nnnnnnnn
Data value for
XXXXXX
...
nnnnnnnn
A
Data value for
XXXXXX + y
A
xxxxxxxx
A
Register
Address
(bits 7-0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com