Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3803 Datasheet(PDF) 74 Page - Microchip Technology

Part # USB3803
Description  USB 2.0 High-Speed Hub Controller Optimized
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3803 Datasheet(HTML) 74 Page - Microchip Technology

Back Button USB3803 Datasheet HTML 70Page - Microchip Technology USB3803 Datasheet HTML 71Page - Microchip Technology USB3803 Datasheet HTML 72Page - Microchip Technology USB3803 Datasheet HTML 73Page - Microchip Technology USB3803 Datasheet HTML 74Page - Microchip Technology USB3803 Datasheet HTML 75Page - Microchip Technology USB3803 Datasheet HTML 76Page - Microchip Technology USB3803 Datasheet HTML 77Page - Microchip Technology USB3803 Datasheet HTML 78Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 99 page
background image
USB3803
DS00001691B-page 74
 2014-2015 Microchip Technology Inc.
8.2
Downstream Port Battery Charging Support
The USB3803 can configure any of the downstream ports to support battery charger handshake.
The Hub’s role in downstream battery charging is to provide an acknowledge to a device’s query as to if the hub system
supports USB battery charging. The hub silicon does not provide any current or power FETs or any such thing to actually
charge the device. Those components would need to be provided as external components in the final Hub board design.
If the final Hub board design provides an external supply capable of supplying current per the battery charging specifi-
cation, the hub can be configured to indicate the presence of such a supply to the device. This indication is on a per/
port basis. i.e. the board can configure two ports to support battery charging (thru high current power FET’s) and leave
the other port as a standard USB port.
8.2.1
USB BATTERY CHARGING
In the terminology of the USB battery charging specification, if the port is configured to support battery charging, the
downstream port is a “Charging Host Port”. All AC/DC characteristics will comply with only this type. If the port is not
configured to support battery charging, the port is a “Standard Host Port”. AC/DC characteristics comply with the USB
2.0 specification.
A downstream port will only behave as a “Charging Host Port” or a “Standard Host Port”. The port will not switch between
“Charging Host Port” or Standard Host Port” at any time after initial power-up and configuration.
8.2.2
SPECIAL BEHAVIOR OF PRTPWR REGISTER BITS
The USB Battery charging specification does not address system issues. It only defines a low level protocol for a device
and host (or hub) to communicate a simple question and optional answer.
Device queries “do you support battery charging?”
Host answers “yes, I do support battery charging” or does not answer at all. There is no negative response. (A lack of
response is taken as a negative response)
When ports are configured for downstream battery charging, the corresponding PRTPWR setting will be controlled by
downstream battery charging logic instead of the normal hub logic.
Vdat_src and
Idat_sink Enable
Time
TVDPSRC_ON
79
80
84
mS
HUB.ChgDet
stage on pll
Delay from Vdat_-
det to end of detec-
tion sequence
TVDPSRC_HICRNT
79
80
83
mS
HUB.ChgDet
stage on pll
Charger Detection
Exit time when dis-
abled
TVLO_RELEASE
49
50
55
mS
HUB.ChgDet
stage on pll
FIGURE 8-4:
BATTERY CHARGING EXTERNAL POWER SUPPLY
TABLE 8-2:
BATTERY CHARGING TIMING PARAMETERS
Characteristic
Symbol
Min
Typ
Max
Units
Conditions
SOC
VBUS[n]
PRTPWR[n]
USB3803
(Serial
Mapped
Register)
INT
SCL
SDA
DC Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com