Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3803 Datasheet(PDF) 33 Page - Microchip Technology

Part # USB3803
Description  USB 2.0 High-Speed Hub Controller Optimized
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3803 Datasheet(HTML) 33 Page - Microchip Technology

Back Button USB3803 Datasheet HTML 29Page - Microchip Technology USB3803 Datasheet HTML 30Page - Microchip Technology USB3803 Datasheet HTML 31Page - Microchip Technology USB3803 Datasheet HTML 32Page - Microchip Technology USB3803 Datasheet HTML 33Page - Microchip Technology USB3803 Datasheet HTML 34Page - Microchip Technology USB3803 Datasheet HTML 35Page - Microchip Technology USB3803 Datasheet HTML 36Page - Microchip Technology USB3803 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 99 page
background image
 2014-2015 Microchip Technology Inc.
DS00001691B-page 33
USB3803
5.3.31
REGISTER E8H: SERIAL PORT INTERRUPT STATUS - INT_STATUS
Default = 0x00h
1
connect_n
The SOC can utilize this bit to control when the hub attempts to connect to the
upstream host. (Alternatively, HUB_CONNECT is used to proceed through Hub
Connect Stage, as shown in Figure 4-1.)
1 = Device will remain in Hub Mode.Connect Stage indefinitely until bit is cleared
by the SOC.
0 = Device will transition to the Hub Mode.Communication Stage after this bit is
asserted low by default or through a serial port write.
0
config_n
If the SOC intends to update the default configuration using the serial port, this
register should be the first register updated by the SOC. In this way the timing
dependency between configuration and device operation can be minimized- the
SOC is only required to write to Serial Port Interlock Register within Thubconfig
and not all the registers it is attempting to configure.
Once all registers have been written for the desired configuration, the SOC must
clear this bit to ‘0’ for the device to resume normal operation using the new con-
figuration.
It may be desirable for the device to initiate autonomous operation with no SOC
intervention at all. This is why the default setting is to allow the device to initiate
automatic operation if the SOC does not intervene by writing the interlock regis-
ter within the allotted configuration timeout.
1 = Device will remain in Hub Mode.Configuration Stage indefinitely, and allow
SOC to write through the serial port to set any desired configuration.
0 = Device will transition out of Hub.Configuration Stage and into the Hub
Mode.Charger Detection Stage immediately after this bit is asserted low through
a serial port write. (A default low assertion results in transition after a timeout.)
Bit Number
Bit Name
Description
7
Interrupt
Read:
1 = INT_N pin has been asserted low due to unmasked interrupt
0 = INT_N pin has not been asserted low due to unmasked interrupt
Write:
1 = No Effect – INT_N pin and register retains its current value
0 = Negate INT_N pin high
6:5
Reserved
Reserved
4
HubSuspInt
Read:
1 = Hub has entered USB suspend
0 = Hub has not entered USB suspend since last HubSuspInt reset
Write:
1 = No Effect
0 = Negate HubSuspInt status low
3
HubCfgInt
Read:
1 = Hub has been configured by USB Host
0 = Hub has not been configured by USB Host since last HubConfInt reset
Write:
1 = No Effect
0 = Negate HubConfInt status low
Bit Number
Bit Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com