Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3803 Datasheet(PDF) 42 Page - Microchip Technology

Part # USB3803
Description  USB 2.0 High-Speed Hub Controller Optimized
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3803 Datasheet(HTML) 42 Page - Microchip Technology

Back Button USB3803 Datasheet HTML 38Page - Microchip Technology USB3803 Datasheet HTML 39Page - Microchip Technology USB3803 Datasheet HTML 40Page - Microchip Technology USB3803 Datasheet HTML 41Page - Microchip Technology USB3803 Datasheet HTML 42Page - Microchip Technology USB3803 Datasheet HTML 43Page - Microchip Technology USB3803 Datasheet HTML 44Page - Microchip Technology USB3803 Datasheet HTML 45Page - Microchip Technology USB3803 Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 99 page
background image
USB3803
DS00001691B-page 42
 2014-2015 Microchip Technology Inc.
6.0
SERIAL SLAVE INTERFACE
6.1
Overview
The serial slave interface on USB3803 is implemented as I2C. It is a standard I2C slave interface that operates at the
standard (100Kbps), fast (400Kbps), and the fast mode plus (1Mbps) modes.
The USB3803 I2C slave interface supports four 7-bit slave addresses. Address selection is done through values set on
the I2C_ASEL1 and I2C_ASEL0 pins during the HUB.INIT stage as shown in Table 6-1, "Serial Slave Address Selec-
tion".
REFCLK must be running for I2C to operate. The register map is outlined in section Section 5.3.
Two I2C Slave Base Addresses will be programmed into ROM and selected with the I2C_ASEL1 pin. The LSB of the
serial slave address is selected with the I2C_ASEL0 pin. Table 6-1, "Serial Slave Address Selection" shows resulting
I2C address based on I2C_ASEL pin settings and default ROM programmed register values. In the table bits a6-1 rep-
resent bits programmed into register I2CADD0 and bits b6-1 represent bits programmed into register I2CADD1. Detailed
definition can be found in Section 5.3.33, "Register EAh: I2C Address 0 - I2CADD0," on page 34 and Section 5.3.34,
"Register EBh: I2C Address 1 - I2CADD1," on page 35. Table 6-2 shows a specific example of the resulting addresses
with two specific examples of default control register values. The addresses are shown both in binary and hexadecimal
format in parenthesis for clarity.
TABLE 6-2:
EXAMPLE SERIAL SLAVE ADDRESSES
The interrupt pin INT_N is used to communicate status changes on selected events which are mapped into the Serial
Port Interrupt Status Register. The SOC can mask events to not cause the interrupt pin to transition by updating the
Serial Port Interrupt Mask Register- the status events will still be captured in the status register even if the interrupt pin
is not asserted. The serial port has limited speed and latency capability so events mapped into the serial ports and its
interrupt are not expected to be latency critical.
INT_N is asserted low whenever an unmasked bit is set in the Serial Port Interrupt Status Register. SOC must update
the Serial Port Interrupt Status Register to negate the interrupt high.
TABLE 6-1:
SERIAL SLAVE ADDRESS SELECTION
I2C_ASEL1
I2C_ASEL0
I2CADD0 Register Value I2CADD1 Register Value
Functional I2C Address
Result
00
0a6a5a4a3a2a10
don’t care
a6a5a4a3a2a10
01
0a6a5a4a3a2a10
don’t care
a6a5a4a3a2a11
1
0
don’t care
0b6b5b4b3b2b10b6b5b4b3b2b10
1
1
don’t care
0b6b5b4b3b2b10b6b5b4b3b2b11
I2C_ASEL1
I2C_ASEL0
Example I2CADD0
Register Value
Example I2CADD1
Register Value
Functional I2C
Address Result
0
0
0001000 (0x08)
00101000 (0x28)
0001000 (0x08)
0
1
0001000 (0x08)
00101000 (0x28)
0001001 (0x09)
1
0
0001000 (0x08)
00101000 (0x28)
0101000 (0x28)
1
1
0001000 (0x08)
00101000 (0x28)
0101001 (0x29)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com