Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3803 Datasheet(PDF) 27 Page - Microchip Technology

Part # USB3803
Description  USB 2.0 High-Speed Hub Controller Optimized
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3803 Datasheet(HTML) 27 Page - Microchip Technology

Back Button USB3803 Datasheet HTML 23Page - Microchip Technology USB3803 Datasheet HTML 24Page - Microchip Technology USB3803 Datasheet HTML 25Page - Microchip Technology USB3803 Datasheet HTML 26Page - Microchip Technology USB3803 Datasheet HTML 27Page - Microchip Technology USB3803 Datasheet HTML 28Page - Microchip Technology USB3803 Datasheet HTML 29Page - Microchip Technology USB3803 Datasheet HTML 30Page - Microchip Technology USB3803 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 99 page
background image
 2014-2015 Microchip Technology Inc.
DS00001691B-page 27
USB3803
5.3.12
REGISTER 0BH: PORT DISABLE FOR BUS POWERED OPERATION - PDB
Default = 0x00h
5.3.13
REGISTER 0CH: MAX POWER FOR SELF POWERED OPERATION - MAXPS
Default = 0x01h
5.3.14
REGISTER 0DH: MAX POWER FOR BUS POWERED OPERATION - MAXPB
Bit Number
Bit Name
Description
7:0
PORT_DIS_BP Port Disable Bus-Powered: Disables 1 or more ports.
‘0’ = port is available
‘1’ = port is disabled.
During Bus-Powered operation, when PRTMAP_EN = ‘0’, this selects the ports
which will be permanently disabled, and are not available to be enabled or enu-
merated by a Host Controller. The ports can be disabled in any order, the inter-
nal logic will automatically report the correct number of enabled ports to the USB
Host, and will reorder the active ports in order to ensure proper function.
Bit 7= Reserved
Bit 6= Reserved
Bit 5= Reserved
Bit 4= Reserved
Bit 3= Port 3 Disable.
Bit 2= Port 2 Disable.
Bit 1= Port 1 Disable.
Bit 0= Reserved
Bit Number
Bit Name
Description
7:0
MAX_PWR_SP Max Power Self_Powered: Value in 2mA increments that the Hub consumes
from an upstream port (VBUS) when operating as a self-powered hub. This
value includes the hub silicon along with the combined power consumption (from
VBUS) of all associated circuitry on the board. This value also includes the
power consumption of a permanently attached peripheral if the hub is configured
as a compound device, and the embedded peripheral reports 0mA in its descrip-
tors.
Example: A value of 8mA would be written to this register as 0x04h
The USB 2.0 Specification does not permit this value to exceed 100mA
Bit Number
Bit Name
Description
7:0
MAX_PWR_BP Max Power Bus_Powered: Value in 2mA increments that the Hub consumes
from an upstream port (VBUS) when operating as a bus-powered hub. This
value includes the hub silicon along with the combined power consumption (from
VBUS) of all associated circuitry on the board. This value also includes the
power consumption of a permanently attached peripheral if the hub is configured
as a compound device, and the embedded peripheral reports 0mA in its descrip-
tors.
Example: A value of 8mA would be written to this register as 0x04h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com