Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3803 Datasheet(PDF) 18 Page - Microchip Technology

Part # USB3803
Description  USB 2.0 High-Speed Hub Controller Optimized
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3803 Datasheet(HTML) 18 Page - Microchip Technology

Back Button USB3803 Datasheet HTML 14Page - Microchip Technology USB3803 Datasheet HTML 15Page - Microchip Technology USB3803 Datasheet HTML 16Page - Microchip Technology USB3803 Datasheet HTML 17Page - Microchip Technology USB3803 Datasheet HTML 18Page - Microchip Technology USB3803 Datasheet HTML 19Page - Microchip Technology USB3803 Datasheet HTML 20Page - Microchip Technology USB3803 Datasheet HTML 21Page - Microchip Technology USB3803 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 99 page
background image
USB3803
DS00001691B-page 18
 2014-2015 Microchip Technology Inc.
4.4.1
HUB INITIALIZATION STAGE (HUB.INIT)
The first stage is the initialization stage and occurs when Hub mode is entered based on the conditions in Table 4-1. In
this stage the 1.2V regulator is enabled and stabilizes, internal logic is reset, and the PLL locks if a valid REFCLK is
supplied. Configuration registers are initialized to their default state and I2C_ASEL[1:0] and REF_SEL[1:0] input values
are latched. The USB3803 will complete initialization and automatically enter the next stage after Thubinit. Because the
digital logic within the device is not yet stable, no communication with the device using the serial port is possible. Con-
figuration registers are initialzed to their default state.
4.4.2
HUB WAIT REFCLK STAGE (HUB.WAITREF)
In this stage the reference clock is checked for activity. If the reference clock is active the part will continue to the Hub
configuration stage. If the reference clock is not active but the default ROM has enabled battery charger detection, the
detection sequence will begin while operating on an internal ring oscillator.
If the PLL locks while battery charger detection is still in progress, the sequence will be aborted until the battery charger
detection stage is complete. If aborted, no results are captured. If battery charger detection completes, the results of the
battery charger detection may be communicated through the INT_N pin.
During this stage the serial port is not functional.
If the reference clock is provided before entering hub mode, the USB3803 will transition to the Hub Configuration stage
without pausing in the Hub Wait RefClk stage. Otherwise, the USB3803 will transition to the Hub configuration stage
once a valid reference clock is supplied and the PLL has locked.
4.4.3
HUB CONFIGURATION STAGE (HUB.CONFIG)
The next stage is the configuration stage. In this stage, the SOC has an opportunity to control the configuration of the
USB3803 and modify any of the default configuration settings specified in the integrated ROM such as USB device
descriptors, or port electrical settings such as PHY BOOST, and control features such as battery charging detection.
The SOC implements the changes using the serial slave port interface to write configuration & control registers.
See Section 5.3.30, "Register E7h: Serial Port Interlock Control - SP_ILOCK," on page 32 for definition of SP_ILOCK
register and how it controls progress through hub stages. If the SP_ILOCK.config_n bit has its default asserted low and
the bit is not written by the serial port, then the USB3803 completes configuration and automatically enters the Battery
Charger Detection Stage after Thubconfig without any I2C intervention.
If the SP_ILOCK.config_n bit has its default negated high or the SOC negates the bit high using the serial port during
Thubconfig, the USB3803 will remain in the Hub Configuration Stage indefinitely. This will allow the SOC to update other
configuration and control registers without any remaining time-out restrictions. Once the SP_ILOCK.config_n bit is
asserted low by the SOC the device will transition to the next stage.
4.4.4
HUB BATTERY CHARGER DETECTION STAGE (HUB.CHGDET)
After configuration, the device enters Battery Charger Detection Stage. If the battery charger detection feature was dis-
abled during the Hub Configuration Stage, the USB3803 will immediately transition to the Hub Connect Stage. If the
battery charger detection feature remains enabled, the battery charger detection sequence is started automatically and
the USB3803 will transition to the Hub Connect Stage after Thubchgdet.
4.4.5
HUB CONNECT STAGE (HUB.CONNECT)
Next, the USB3803 enters the Hub Connect Stage. See Section 5.3.37, "Register EEh: Configure Portable Hub - CFGP,"
on page 36 and Section 5.3.30, "Register E7h: Serial Port Interlock Control - SP_ILOCK," on page 32 for definition of
control registers which affect how the device transitions through the hub stages.
By using the appropriate controls, the USB3803 can be set to immediately transition, or instead to remain in the Hub
Connect Stage indefinitely until one of the SOC handshake events occur. When set to wait on the handshake, the SOC
may read or update any of the serial port registers. Once the SOC is finished accessing any registers and is ready for
USB communication to start, it can perform one of the selected handshakes which will cause the USB3803 to assert its
pull-up on the USBUP_DP pin and connect within Thubconnect and transition to the Hub Communication Stage.
4.4.6
HUB COMMUNICATION STAGE (HUB.COM)
Once it exits the Hub Connect Stage, the USB3803 enters Hub Communication Stage. In this stage full USB operation
is supported under control of the USB Host on the upstream port. The USB3803 will remain in the Hub Communication
Stage until the operating mode is changed by the system asserting RESET_N or BYPASS_N low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com