Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3803 Datasheet(PDF) 83 Page - Microchip Technology

Part # USB3803
Description  USB 2.0 High-Speed Hub Controller Optimized
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3803 Datasheet(HTML) 83 Page - Microchip Technology

Back Button USB3803 Datasheet HTML 79Page - Microchip Technology USB3803 Datasheet HTML 80Page - Microchip Technology USB3803 Datasheet HTML 81Page - Microchip Technology USB3803 Datasheet HTML 82Page - Microchip Technology USB3803 Datasheet HTML 83Page - Microchip Technology USB3803 Datasheet HTML 84Page - Microchip Technology USB3803 Datasheet HTML 85Page - Microchip Technology USB3803 Datasheet HTML 86Page - Microchip Technology USB3803 Datasheet HTML 87Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 99 page
background image
 2014-2015 Microchip Technology Inc.
DS00001691B-page 83
USB3803
10.8
USB Bypass Switch Characteristics (USB3803C Only)
10.9
USB Charger Detection Characteristics
Differential Fall Time
THSF
500
ps
Driver Waveform Require-
ments
Eye pattern of Template 1
in USB 2.0 specification
High Speed Mode Timing
Receiver Waveform Require-
ments
Eye pattern of Template 4
in USB 2.0 specification
Data Source Jitter and
Receiver Jitter Tolerance
Eye pattern of Template 4
in USB 2.0 specification
TABLE 10-9:
ANALOG SWITCH CHARACTERISTICS
Parameter
Symbol
Conditions
Min
Typ
Max
Units
“ON” Resistance
RON
0 < Vswitch < VDD33_BYP,
BYPASS_N = ‘0’,
RESET_N=’1’
45
12
Ω
“OFF” Resistance
ROFF
0 < Vswitch < VDD33_BYP
BYPASS_N=’1’,
RESET_N=’1’
56
8
MΩ
Standby Resistance
RSTDBY
0 < Vswitch < VDD33_BYP
RESET_N=’0’
0-
8
MΩ
TABLE 10-10: USB CHARGER DETECTION CHARACTERISTICS
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Data Source Voltage
VDAT_SRC
IDAT_SRC < 250uA
0.5
0.7
V
Data Detect Voltage
VDAT_REF
0.25
0.4
V
Data Source Current
IDAT_SRC
250
μA
Data Sink Current
IDAT_SINK
50
150
μA
Data Connect Current
IDP_SRC
713
μA
DP/DM Pull Down Resis-
tors for upstream battery
charging
RPD
14.25
16.9
20
kΩ
TABLE 10-8:
DYNAMIC CHARACTERISTICS: ANALOG I/O PINS (DP/DM) (CONTINUED)
Parameter
Symbol
Conditions
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com