Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3803 Datasheet(PDF) 12 Page - Microchip Technology

Part # USB3803
Description  USB 2.0 High-Speed Hub Controller Optimized
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3803 Datasheet(HTML) 12 Page - Microchip Technology

Back Button USB3803 Datasheet HTML 8Page - Microchip Technology USB3803 Datasheet HTML 9Page - Microchip Technology USB3803 Datasheet HTML 10Page - Microchip Technology USB3803 Datasheet HTML 11Page - Microchip Technology USB3803 Datasheet HTML 12Page - Microchip Technology USB3803 Datasheet HTML 13Page - Microchip Technology USB3803 Datasheet HTML 14Page - Microchip Technology USB3803 Datasheet HTML 15Page - Microchip Technology USB3803 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 99 page
background image
USB3803
DS00001691B-page 12
 2014-2015 Microchip Technology Inc.
Serial Address Select
I2C_ASEL[1:0]
I
Address Select – the USB3803 has the ability to be
programmed with four different I2C slave addresses
as part of the configuration in order to provide flexibil-
ity. When sharing the serial bus in the system with
another part that conflicts with one of the address set-
tings, these pins may be used to change the selection
to a non-conflicting I2C address. The customer should
tie these pins to ground or VDD33_BYP. This input is
latched during HUB.Init stage.
I2C_ASEL[1] selects between the I2C addresses
defined in registers I2CADD0 and I2CADD1.
I2C_ASEL[0] determines the LSB of the I2C address.
Misc
Reference Clock Input
REFCLK
I
Reference clock input.
Reference Clock Select
REF_SEL[1:0]
I
The reference select input must be set to correspond
to the frequency applied to the REFCLK input. The
customer should tie these pins to ground or
VDD33_BYP. This input is latched during HUB.Init
stage.
Selects input reference clock frequency per Table 3-3.
RESET Input
RESET_N
I
This active low signal is used by the system to reset
the chip and hold the chip in low power STANDBY
MODE.
USB Transceiver Bias
RBIAS
A-I/O
A 12.0k
Ω (+/- 1%) resistor is attached from ground to
this pin to set the transceiver’s internal bias settings.
Hub Connect
HUB_CONNECT
I
Hub will transition to the Hub Communication Stage
when this pin is asserted high. It can be used in three
different ways:
Tied to Ground - Hub will not transition to the Hub
Communication Stage until connect_n bit of the
SP_ILOCK register is negated.
Tied to VDD33_BYP - Hub will automatically transition
to the Hub Communication Stage regardless of the
setting of the connect_n bit and without pausing for
the SOC to reference status registers.
Transition from low to high - Hub will transition to the
Hub Communication Stage after this pin transitions
from low to high. HUB_CONNECT should never be
driven high when USB3803 is in Standby Mode.
Power
1.2V VDD Power
VDD12_BYP
Power
1.2 V Regulator. A 1.0
μF (<1
Ω ESR) capacitor to
ground is required for regulator stability. The capaci-
tor should be placed as close as possible to the
USB3803.
TABLE 3-1:
PIN DESCRIPTIONS (CONTINUED)
Name
Symbol
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com