Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3803 Datasheet(PDF) 13 Page - Microchip Technology

Part # USB3803
Description  USB 2.0 High-Speed Hub Controller Optimized
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3803 Datasheet(HTML) 13 Page - Microchip Technology

Back Button USB3803 Datasheet HTML 9Page - Microchip Technology USB3803 Datasheet HTML 10Page - Microchip Technology USB3803 Datasheet HTML 11Page - Microchip Technology USB3803 Datasheet HTML 12Page - Microchip Technology USB3803 Datasheet HTML 13Page - Microchip Technology USB3803 Datasheet HTML 14Page - Microchip Technology USB3803 Datasheet HTML 15Page - Microchip Technology USB3803 Datasheet HTML 16Page - Microchip Technology USB3803 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 99 page
background image
 2014-2015 Microchip Technology Inc.
DS00001691B-page 13
USB3803
3.3.2
I/O TYPE DESCRIPTIONS
3.3.3
REFERENCE CLOCK
The REFCLK input is can be driven with a square wave from 0 V to VDD33_BYP. The USB3803 only uses the positive
edge of the clock. The duty cycle is not critical.
The USB3803 is tolerant to jitter on the reference clock. The REFCLK jitter should be limited to a peak to peak jitter of
less than 1 nS over a 10
μS time interval. If this level of jitter is exceeded the USB3803 high speed eye diagram may
be degraded.
To select the REFCLK input frequency, the REF_SEL pins must be set according to Table 3-3.
3.3V VDD Power
VDD33_BYP
Power
3.3V Regulator. A 4.7
μF (<1
Ω ESR) capacitor to
ground is required for regulator stability. The capaci-
tor should be placed as close as possible to the
USB3803.
Core Power Supply Input
VDD_CORE_REG
Power
Power supply to 1.2V regulator.
This power pin should be connected to VDD33_BYP
for single supply applications.
Refer to Section 9.0, Integrated Power Regulators for
power supply configuration options.
Battery Power Supply Input
VBAT
Power
Battery power supply.
Refer to Section 9.0 for power supply configuration
options.
VSS
VSS
Ground
Ground
TABLE 3-2:
USB3803 I/O TYPE DESCRIPTIONS
I/O Type
Description
I
Digital Input
OD
Digital Output. Open Drain.
I/O
Digital Input or Output.
A-I/O
Analog Input or Output.
Power
DC input or Output.
Ground
Ground.
TABLE 3-3:
USB3803 REFERENCE CLOCK FREQUENCIES
REF_SEL[1:0]
Frequency (MHz)
‘00’
38.4
‘01’
26.0
‘10’
19.2
‘11’
12.0
TABLE 3-1:
PIN DESCRIPTIONS (CONTINUED)
Name
Symbol
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com