Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3803 Datasheet(PDF) 85 Page - Microchip Technology

Part # USB3803
Description  USB 2.0 High-Speed Hub Controller Optimized
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3803 Datasheet(HTML) 85 Page - Microchip Technology

Back Button USB3803 Datasheet HTML 81Page - Microchip Technology USB3803 Datasheet HTML 82Page - Microchip Technology USB3803 Datasheet HTML 83Page - Microchip Technology USB3803 Datasheet HTML 84Page - Microchip Technology USB3803 Datasheet HTML 85Page - Microchip Technology USB3803 Datasheet HTML 86Page - Microchip Technology USB3803 Datasheet HTML 87Page - Microchip Technology USB3803 Datasheet HTML 88Page - Microchip Technology USB3803 Datasheet HTML 89Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 99 page
background image
 2014-2015 Microchip Technology Inc.
DS00001691B-page 85
USB3803
In addition to defining the ESD tests, EN 61000-4-2 also categorizes the impact to equipment operation when the strike
occurs (ESD Result Classification). The USB3803 maintains an ESD Result Classification 1 or 2 when subjected to an
EN 61000-4-2 (level 4) ESD strike.
Both air discharge and contact discharge test techniques for applying stress conditions are defined by the EN 61000-4-
2 ESD document.
10.12.3
AIR DISCHARGE
To perform this test, a charged electrode is moved close to the system being tested until a spark is generated. This test
is difficult to reproduce because the discharge is influenced by such factors as humidity, the speed of approach of the
electrode, and construction of the test equipment.
10.12.4
CONTACT DISCHARGE
The uncharged electrode first contacts the pin to prepare this test, and then the probe tip is energized. This yields more
repeatable results, and is the preferred test method. The independent test laboratories contracted by Microchip provide
test results for both types of discharge methods.
10.13 AC Specifications
10.13.1
REFCLK
External Clock:50% duty cycle ± 10%, ± 350ppm, Jitter < 100ps rms.
10.13.2
SERIAL INTERFACE
The Microchip Hub conforms to AC specifications as set forth in the I2C Specification for Slave-Only devices.
10.13.3
USB 2.0
The Microchip Hub conforms to all voltage, power, and timing characteristics and specifications as set forth in the USB
2.0 Specification. Please refer to the USB 2.0 Specification which is available from the www.usb.org web site.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com