Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3803 Datasheet(PDF) 44 Page - Microchip Technology

Part # USB3803
Description  USB 2.0 High-Speed Hub Controller Optimized
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3803 Datasheet(HTML) 44 Page - Microchip Technology

Back Button USB3803 Datasheet HTML 40Page - Microchip Technology USB3803 Datasheet HTML 41Page - Microchip Technology USB3803 Datasheet HTML 42Page - Microchip Technology USB3803 Datasheet HTML 43Page - Microchip Technology USB3803 Datasheet HTML 44Page - Microchip Technology USB3803 Datasheet HTML 45Page - Microchip Technology USB3803 Datasheet HTML 46Page - Microchip Technology USB3803 Datasheet HTML 47Page - Microchip Technology USB3803 Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 99 page
background image
USB3803
DS00001691B-page 44
 2014-2015 Microchip Technology Inc.
6.3.2
SEQUENTIAL ACCESS READS
The I2C interface will support direct reading of the USB3803 registers. In order to read one or more register addresses,
the starting address must be set by using a write sequence followed by a read. The read register interface supports
auto-increment mode. The master should send a NACK instead of an ACK when the last byte has been transferred.
In this operation, following the 7-bit slave address, 8-bit register address is written indicating the start address for
sequential read operation to be followed. In the read sequence, every data access is a data read from a data register
where the register address increments after each access. Write sequence can end with optional Stop (P). If so the Read
sequence must start with a Start (S) otherwise it must start with Repeated Start (Sr).
Figure 6-3 shows the format of the read operation. Where color is visible in the figure, blue and gold indicate signaling
from the I2C master, and gray indicates signaling from the USB3803 slave.
6.3.3
I2C TIMING
Below is the timing diagram and timing specifications for the different I2C modes that the USB3803 supports.
FIGURE 6-3:
SEQUENTIAL ACCESS READ FORMAT
FIGURE 6-4:
I2C TIMING DIAGRAM
S
7 - B i t S l a v e
A ddr es s
0
P
A
xx xx xx xx
A
Re g i s t e r
A d dr es s
( b i t s
7- 0)
O p t i ona l . I f pr es ent , N e x t
ac c e s s
m u s t hav e
S t ar t ( S ) ,
o t he r w i s e
R epe at S t a r t ( S r )
S
7 - B i t S l av e A ddr es s
1
n n n n n n n n
P
AC K
AC K
R egi s t er v a l ue
f o r xx xxx xxx
n n n n n n n n
AC K
R egi s t er v a l u e
f o r xx xxx xxx + 1
...
n n n n n n n n
NA C K
I f pr ev i ous w r i t e s e t t i ng up
R e g i s t er addr es s end ed w i t h a
S t o p ( P ) , o t h e r w i s e it w ill b e
R e p eat ed S t a r t ( S r )
R egi s t er v a l ue
f o r xxx xxx xx + y
tHD;STA
tSU;STO
tSU;STA
tSU;DAT
tHIGH
tF
tR
tLOW
tHD;DAT
tHD;STA
tBUF
AB_DATA
AB_CLK
I2C_CLK
I2C_DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com