Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3803 Datasheet(PDF) 32 Page - Microchip Technology

Part # USB3803
Description  USB 2.0 High-Speed Hub Controller Optimized
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3803 Datasheet(HTML) 32 Page - Microchip Technology

Back Button USB3803 Datasheet HTML 28Page - Microchip Technology USB3803 Datasheet HTML 29Page - Microchip Technology USB3803 Datasheet HTML 30Page - Microchip Technology USB3803 Datasheet HTML 31Page - Microchip Technology USB3803 Datasheet HTML 32Page - Microchip Technology USB3803 Datasheet HTML 33Page - Microchip Technology USB3803 Datasheet HTML 34Page - Microchip Technology USB3803 Datasheet HTML 35Page - Microchip Technology USB3803 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 99 page
background image
USB3803
DS00001691B-page 32
 2014-2015 Microchip Technology Inc.
5.3.28
REGISTER E5H: PORT POWER STATUS - PRTPWR
Default = 0x00h
5.3.29
REGISTER E6H: OVER CURRENT SENSE CONTROL - OCS
Default = 0x00h
5.3.30
REGISTER E7H: SERIAL PORT INTERLOCK CONTROL - SP_ILOCK
- Corresponds to I2C_ASEL pins & pausing to connect until write from I2C
Bit Number
Bit Name
Description
7:4
Reserved
Reserved.
3:1
PRTPWR[3:1]
Read Only.
Optional status to SOC indicating that power to the downstream port was
enabled by the USB Host for the specified port. Not required for an embedded
application.
This is a read-only status bit. Actual control over port power is implemented by
the USB Host, OCS register and Downstream Battery Charging logic if enabled.
See Section 8.2.2, "Special Behavior of PRTPWR Register Bits," on page 74 for
more information.
0 = USB Host has not enabled port to be powered or in downstream battery
charging and corresponding OCS bit has been set.
1 = USB Host has enabled port to be powered
0
Reserved
Reserved.
Bit Number
Bit Name
Description
7:4
Reserved
Reserved.
Note:
Software must never write a ‘1’ to these bits.
3
OCS[3]
Optional control from SOC on indicating external current monitor indicating an
over-current condition on port 3 for HUB status reporting to USB host. Also
resets corresponding PRTPWR status register bit. Not required for an embed-
ded application.
0 = No Over Current Condition
1 = Over Current Condition
2:1
OCS[2:1]
Optional control from SOC on indicating external current monitor indicating an
over-current condition on the specified port for HUB status reporting to USB
host. Also resets corresponding PRTPWR status register bit. Not required for an
embedded application.
0 = No Over Current Condition
1 = Over Current Condition
0
Reserved
Reserved.
Bit Number
Bit Name
Description
7:6
Reserved
Reserved
3:2
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com