Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3803 Datasheet(PDF) 11 Page - Microchip Technology

Part # USB3803
Description  USB 2.0 High-Speed Hub Controller Optimized
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3803 Datasheet(HTML) 11 Page - Microchip Technology

Back Button USB3803 Datasheet HTML 7Page - Microchip Technology USB3803 Datasheet HTML 8Page - Microchip Technology USB3803 Datasheet HTML 9Page - Microchip Technology USB3803 Datasheet HTML 10Page - Microchip Technology USB3803 Datasheet HTML 11Page - Microchip Technology USB3803 Datasheet HTML 12Page - Microchip Technology USB3803 Datasheet HTML 13Page - Microchip Technology USB3803 Datasheet HTML 14Page - Microchip Technology USB3803 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 99 page
background image
 2014-2015 Microchip Technology Inc.
DS00001691B-page 11
USB3803
HS USB Data
&
Bypass Port
USBDN_DP[3]
&
USBDN_DM[3]
A-I/O
When BYPASS_N is negated high, these pins connect
to the downstream USB peripheral devices attached
to the hub’s ports.
There is no downstream Port Disable Strap option on
these ports.
When BYPASS_N is asserted low, USBDN_DP[3] and
USBDN_DM[3] respectively are connected through
the analog switch to the upstream port USBUP_DP
and USBUP_DM. PortSwap setting has no effect in
Bypass Mode.
Note:
Bypass mode is only available in the
USB3803C.
For
the
USB3803B,
BYPASS_N must always be driven high.
Serial Port Interface
Serial Data
SDA
I/OD
I2C Serial Data
Serial Clock
SCL
I
Serial Clock (SCL)
Interrupt
INT_N
OD
Interrupt
The function of this pin is determined by the setting in
the CFGP.INTSUSP configuration register.
When CFGP.INTSUSP = 0 (General Interrupt)
A transition from high to low identifies when one of the
interrupt enabled status registers has been updated.
SOC must update the Serial Port Interrupt Status Reg-
ister to reset the interrupt pin high.
When CFGP.INTSUSP = 1 (Suspend Interrupt)
Indicates USB state of the hub.
‘Asserted’ low = Unconfigured or configured and in
USB Suspend
‘Negated’ high = Hub is configured, and is active (i.e.,
not in suspend)
The Suspend Interrupt can be used by the system to
determine whether the full current based on the USB
descriptor can be drawn on VBUS or whether a
reduced current should be drawn in accordance with
the USB specification for unconfigured or suspend
mode.
If unused, this pin must be tied to VDD33_BYP.
TABLE 3-1:
PIN DESCRIPTIONS (CONTINUED)
Name
Symbol
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com