Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3803 Datasheet(PDF) 97 Page - Microchip Technology

Part # USB3803
Description  USB 2.0 High-Speed Hub Controller Optimized
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3803 Datasheet(HTML) 97 Page - Microchip Technology

Back Button USB3803 Datasheet HTML 91Page - Microchip Technology USB3803 Datasheet HTML 92Page - Microchip Technology USB3803 Datasheet HTML 93Page - Microchip Technology USB3803 Datasheet HTML 94Page - Microchip Technology USB3803 Datasheet HTML 95Page - Microchip Technology USB3803 Datasheet HTML 96Page - Microchip Technology USB3803 Datasheet HTML 97Page - Microchip Technology USB3803 Datasheet HTML 98Page - Microchip Technology USB3803 Datasheet HTML 99Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 97 / 99 page
background image
 2014-2015 Microchip Technology Inc.
DS00001691B-page 97
USB3803
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
USB3803
Functional
Revision: (1)
C
= Functional Revision C
B
= Functional Revision B
Temperature
Range:
Blank =
0
°C to +70°C
(Commercial)
i= -40
°C to +85°C
(Industrial)
Package:
GL
= 25-Ball WLCSP
Tape and Reel:(2)
TR
= Tape and Reel
Examples:
a)
USB3803Ci-1-GL-TR
Functional Revision C (Bypass Mode)
Industrial temperature,
25-Ball WLCSP
Tape & Reel
b)
USB3803B-1-GL-TR
Functional Revision B (No Bypass Mode)
Extended commercial temperature,
25-Ball WLCSP
Tape & Reel
Note 1:
USB3803C is recommended for new
designs. Refer to Section 1.0, General
Description for details on the differences
between functional revisions.
Note 2:
Tape and Reel identifier only appears in the
catalog part number description. This
identifier is used for ordering purposes and is
not printed on the device package. Check
with your Microchip Sales Office for package
availability with the Tape and Reel option.
Reel size is 3,000.
PART NO.
[X]
GL
Package
Temp.
Range
Device
TR(2)
Tape & Reel
-
X(1)
Func.
Rev.
-1-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com