Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3803 Datasheet(PDF) 59 Page - Microchip Technology

Part # USB3803
Description  USB 2.0 High-Speed Hub Controller Optimized
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3803 Datasheet(HTML) 59 Page - Microchip Technology

Back Button USB3803 Datasheet HTML 55Page - Microchip Technology USB3803 Datasheet HTML 56Page - Microchip Technology USB3803 Datasheet HTML 57Page - Microchip Technology USB3803 Datasheet HTML 58Page - Microchip Technology USB3803 Datasheet HTML 59Page - Microchip Technology USB3803 Datasheet HTML 60Page - Microchip Technology USB3803 Datasheet HTML 61Page - Microchip Technology USB3803 Datasheet HTML 62Page - Microchip Technology USB3803 Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 99 page
background image
 2014-2015 Microchip Technology Inc.
DS00001691B-page 59
USB3803
7.4.7
INTERFACE DESCRIPTOR (FULL-SPEED)
The following table provides interface description values for Full-Speed operation.
7
Attributes
1
user/
signal
Configuration characteristics: Communicates the capabilities of
the hub regarding Remote Wake-up capability, and also reports
the self-power status. In all cases, the value reported to the
host always indicates that the hub supports Remote Wakeup.
The value reported to the host is dependant upon the SELF-
_BUS_PWR bit (CONFIG_BYTE_1)
= A0h for Bus-Powered (SELF_BUS_PWR = 0).
= E0h for Self-Powered (SELF_BUS_PWR = 1).
All other values are reserved.
8
MaxPower
1
user
Maximum Power Consumption of the Hub from VBUS when
fully operational. This value includes all support circuitry asso-
ciated with the hub (including an attached “embedded” periph-
eral if hub is part of a compound device), and is in 2mA
increments. The Hub supports Self-Powered and Bus-Powered
operation. The SELF_BUS_PWR bit (CONFIG_BYTE_1) are
used to determine which of the values below are reported. The
value reported to the host must coincide with the current oper-
ating mode, and will be determined by the following rules.
The value that is reported to the host will be:
‘MAX_PWR_BP’ if SELF_BUS_PWR = ‘0’
‘MAX_PWR_SP’ if SELF_BUS_PWR = ‘1’
In all cases the reported value is sourced from the MAX
POWER data field (for Self or Bus power) that was loaded by
Internal Default, or serial port configuration.
TABLE 7-21:
INTERFACE DESCRIPTOR (FULL-SPEED)
Offset
Field
Size
Value
Description
0
Length
1
09h
Size of this Descriptor.
1
DescriptorType
1
04h
Interface Descriptor Type.
2
InterfaceNumber
1
00h
Number of this interface.
3
AlternateSetting
1
00h
Value used to select this alternate setting for the inter-
face.
4
NumEndpoints
1
01h
Number of endpoints used by this interface (not includ-
ing endpoint 0).
5
InterfaceClass
1
09h
Hub class code.
6
InterfaceSubclass
1
00h
Subclass code.
7
InterfaceProtocol
1
00h
Protocol code.
8
Interface
1
00h
Index of the string descriptor describing this interface
(strings not supported).
TABLE 7-20:
OTHER-SPEED CONFIGURATION DESCRIPTOR (FULL-SPEED) (CONTINUED)
Offset
Field
Size
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com