Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3803 Datasheet(PDF) 29 Page - Microchip Technology

Part # USB3803
Description  USB 2.0 High-Speed Hub Controller Optimized
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3803 Datasheet(HTML) 29 Page - Microchip Technology

Back Button USB3803 Datasheet HTML 25Page - Microchip Technology USB3803 Datasheet HTML 26Page - Microchip Technology USB3803 Datasheet HTML 27Page - Microchip Technology USB3803 Datasheet HTML 28Page - Microchip Technology USB3803 Datasheet HTML 29Page - Microchip Technology USB3803 Datasheet HTML 30Page - Microchip Technology USB3803 Datasheet HTML 31Page - Microchip Technology USB3803 Datasheet HTML 32Page - Microchip Technology USB3803 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 99 page
background image
 2014-2015 Microchip Technology Inc.
DS00001691B-page 29
USB3803
5.3.19
REGISTER 12H: LANGUAGE ID LOW - LANGIDL
Default = 0x09h - Corresponds to US English code 0x0409h
5.3.20
REGISTER 13H: MANUFACTURER STRING LENGTH - MFRSL
Default = 0x00h
5.3.21
REGISTER 14H: PRODUCT STRING LENGTH - PRDSL
Default = 0x00h
5.3.22
REGISTER 15H: SERIAL STRING LENGTH - SERSL
Default = 0x00h
5.3.23
REGISTER 16H-53H: MANUFACTURER STRING - MANSTR
Default = 0x00h
5.3.24
REGISTER 54H-91H: PRODUCT STRING - PRDSTR
Default = 0x00h
Bit Number
Bit Name
Description
7:0
LANG_ID_L
USB LANGUAGE ID (lower 8 bits of a 16 bit ID field)
Bit Number
Bit Name
Description
7:0
MFR_STR_LEN Manufacturer String Length
Bit Number
Bit Name
Description
7:0
PRD_STR_LEN Product String Length
Bit Number
Bit Name
Description
7:0
SER_STR_LEN Serial String Length
Bit Number
Bit Name
Description
7:0
MFR_STR
Manufacturer String, UNICODE UTF-16LE per USB 2.0 Specification
Note:
The String consists of individual 16 Bit UNICODE UTF-16LE charac-
ters. The Characters will be stored starting with the LSB at the least
significant address and the MSB at the next 8-bit location (subse-
quent characters must be stored in sequential contiguous address in
the same LSB, MSB manner). Please pay careful attention to the
Byte ordering or your selected programming tools.
Bit Number
Bit Name
Description
7:0
PRD_STR
Product String, UNICODE UTF-16LE per USB 2.0 Specification
Note:
The String consists of individual 16 Bit UNICODE UTF-16LE charac-
ters. The Characters will be stored starting with the LSB at the least
significant address and the MSB at the next 8-bit location (subse-
quent characters must be stored in sequential contiguous address in
the same LSB, MSB manner). Please pay careful attention to the
Byte ordering or your selected programming tools.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com