Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3803 Datasheet(PDF) 30 Page - Microchip Technology

Part # USB3803
Description  USB 2.0 High-Speed Hub Controller Optimized
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3803 Datasheet(HTML) 30 Page - Microchip Technology

Back Button USB3803 Datasheet HTML 26Page - Microchip Technology USB3803 Datasheet HTML 27Page - Microchip Technology USB3803 Datasheet HTML 28Page - Microchip Technology USB3803 Datasheet HTML 29Page - Microchip Technology USB3803 Datasheet HTML 30Page - Microchip Technology USB3803 Datasheet HTML 31Page - Microchip Technology USB3803 Datasheet HTML 32Page - Microchip Technology USB3803 Datasheet HTML 33Page - Microchip Technology USB3803 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 99 page
background image
USB3803
DS00001691B-page 30
 2014-2015 Microchip Technology Inc.
5.3.25
REGISTER 92H-CFH: SERIAL STRING - SERSTR
Default = 0x00h
5.3.26
REGISTER D0: DOWNSTREAM BATTERY CHARGING ENABLE - BC_EN
Default = 0x00h
Bit Number
Bit Name
Description
7:0
SER_STR
Serial String, UNICODE UTF-16LE per USB 2.0 Specification
Note:
The String consists of individual 16 Bit UNICODE UTF-16LE charac-
ters. The Characters will be stored starting with the LSB at the least
significant address and the MSB at the next 8-bit location (subse-
quent characters must be stored in sequential contiguous address in
the same LSB, MSB manner). Please pay careful attention to the
Byte ordering or your selected programming tools.
Bit Number
Bit Name
Description
7:0
BC_EN
Battery Charging Enable: Enables the battery charging feature for the corre-
sponding downstream port.
‘0’ = Downstream Battery Charging support is not enabled.
‘1’ = Downstream Battery charging support is enabled
Bit 7= Reserved
Bit 6= Reserved
Bit 5= Reserved
Bit 4= Reserved
Bit 3= Port 3 Battery Charging Enable.
Bit 2= Port 2 Battery Charging Enable.
Bit 1= Port 1 Battery Charging Enable.
Bit 0= Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com