Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3803 Datasheet(PDF) 75 Page - Microchip Technology

Part # USB3803
Description  USB 2.0 High-Speed Hub Controller Optimized
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3803 Datasheet(HTML) 75 Page - Microchip Technology

Back Button USB3803 Datasheet HTML 71Page - Microchip Technology USB3803 Datasheet HTML 72Page - Microchip Technology USB3803 Datasheet HTML 73Page - Microchip Technology USB3803 Datasheet HTML 74Page - Microchip Technology USB3803 Datasheet HTML 75Page - Microchip Technology USB3803 Datasheet HTML 76Page - Microchip Technology USB3803 Datasheet HTML 77Page - Microchip Technology USB3803 Datasheet HTML 78Page - Microchip Technology USB3803 Datasheet HTML 79Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 99 page
background image
 2014-2015 Microchip Technology Inc.
DS00001691B-page 75
USB3803
PRTPWR setting will assert after initial hub customer configuration (Internal default/Serial register writes). PRTPWR will
remain asserted and under the control of the battery charge logic until one of two events.
1.
An overcurrent is detected on the corresponding OCS_N bit. In this case, PRTPWR setting will negate. The only
way to re-enable the PRTPWR bit from this state is to RESET the USB3803.
2.
The hub enters Hub.Communication stage, connects on its upstream port and is enumerated by a USB host. In
this case control over the PRTPWR setting reverts back to the hub logic inside the USB3803 and the normal USB
behavior applies. i.e the host must enable PRTPWR.
Since the enumeration process for a hub sets the PORT_POWER feature for all downstream ports, this information can
be used to switch control over the PRTPWR register between the battery charge logic and the hub logic.
• When the Hub PORT_POWER feature is ‘1’, the hub logic controls the PRTPWR bits.
• When the Hub PORT_POWER feature is ‘0’, the battery charging logic controls the PRTPWR bits.
No matter which controller is controlling the PRTPWR register bits, an overcurrent event will always negate PRTPWR
register bit.
8.2.3
BATTERY CHARGING CONFIGURATION
Configuration of ports to support battery charging is done through serial port configuration load.
Register D0: Downstream Battery Charging Enable - BC_EN is allocated for Battery Charging support. The register,
starting from Bit 1, enables Battery charging for each down stream port when asserted. Bit 1 represents port 1 and so
on. Each port with battery charging enabled asserts the corresponding PRTPWR register bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com