Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3803 Datasheet(PDF) 46 Page - Microchip Technology

Part # USB3803
Description  USB 2.0 High-Speed Hub Controller Optimized
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3803 Datasheet(HTML) 46 Page - Microchip Technology

Back Button USB3803 Datasheet HTML 42Page - Microchip Technology USB3803 Datasheet HTML 43Page - Microchip Technology USB3803 Datasheet HTML 44Page - Microchip Technology USB3803 Datasheet HTML 45Page - Microchip Technology USB3803 Datasheet HTML 46Page - Microchip Technology USB3803 Datasheet HTML 47Page - Microchip Technology USB3803 Datasheet HTML 48Page - Microchip Technology USB3803 Datasheet HTML 49Page - Microchip Technology USB3803 Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 99 page
background image
USB3803
DS00001691B-page 46
 2014-2015 Microchip Technology Inc.
7.0
USB DESCRIPTORS
A customer can indirectly affect which descriptors are reported via one of two methods. The two methods are: Internal
Default ROM Configuration, or direct load through the serial port interface.
The Microchip Hub will not electrically attach to the USB until after it has loaded valid data for all user- defined descriptor
fields (either through Internal Default ROM, or serial port).
7.1
USB Bus Reset
In response to the upstream port signaling a reset to the Hub, the Hub does the following:
• The Hub does not propagate the upstream USB reset to downstream devices.
• Sets default address to 0.
• Sets configuration to: Unconfigured.
• Negates PRTPWR[3:1] register for all downstream ports.
• Clears all TT buffers.
• Moves device from suspended to active (if suspended).
• Complies with Section 11.10 of the USB 2.0 Specification for behavior after completion of the reset sequence.
The Host then configures the Hub and the Hub's downstream port devices in accordance with the USB Specification.
7.2
Hub Attached as a Full-Speed Device, (High-Speed Disabled)
When High-Speed capability is disabled via customer configuration options, the hub will only be able to attach as a Full-
Speed device, and the following descriptor information applies.
7.2.1
STANDARD DEVICE DESCRIPTOR
The following table provides the descriptor values for Full-Speed operation.
TABLE 7-1:
DEVICE DESCRIPTOR (FULL-SPEED)
Offset
Field
Size
Value
Description
0
Length
1
12h
Size of this Descriptor.
1
DescriptorType
1
01h
Device Descriptor Type.
2
USB
2
0200h
USB Specification Release Number.
4
DeviceClass
1
09h
Class code assigned by USB-IF for Hubs.
5
DeviceSubClass
1
00h
Class code assigned by USB-IF for Hubs.
6
DeviceProtocol
1
00h
Protocol code.
7
MaxPacketSize0
1
40h
64-byte packet size.
8
Vendor
2
user/
default
Vendor ID; customer value defined in ROM or serial port
load.
10
Product
2
user/
default
Product ID; customer value defined in ROM or serial
port load.
12
Device
2
user/
default
Device ID; customer value defined in ROM or serial port
load.
14
Manufacturer
1
xxh
If STRING_EN =0 Optional string is not supported, and
xx = 00.
If STRING_EN = 1, String support is enabled, and
xx = 01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com