Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3803 Datasheet(PDF) 70 Page - Microchip Technology

Part # USB3803
Description  USB 2.0 High-Speed Hub Controller Optimized
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3803 Datasheet(HTML) 70 Page - Microchip Technology

Back Button USB3803 Datasheet HTML 66Page - Microchip Technology USB3803 Datasheet HTML 67Page - Microchip Technology USB3803 Datasheet HTML 68Page - Microchip Technology USB3803 Datasheet HTML 69Page - Microchip Technology USB3803 Datasheet HTML 70Page - Microchip Technology USB3803 Datasheet HTML 71Page - Microchip Technology USB3803 Datasheet HTML 72Page - Microchip Technology USB3803 Datasheet HTML 73Page - Microchip Technology USB3803 Datasheet HTML 74Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 99 page
background image
USB3803
DS00001691B-page 70
 2014-2015 Microchip Technology Inc.
8.0
BATTERY CHARGING
8.1
Upstream Battery Charger Detection
Battery Charger Detection is available on the upstream facing port. The detection sequence is intended to identify char-
gers which conform to the Chinese battery charger specification, chargers which conform to the USB-IF Battery Charger
Specification 1.1.
DP and DM are high impedance when the charger detection block is disabled.
The device includes the circuitry required to implement battery charging detection using the Battery Charging Specifi-
cation. The device will automatically perform charger detection upon entering the Hub.ChgDet stage in Hub Mode. The
device includes a state machine to provide the detection of the USB chargers listed in the table below. The type of char-
ger detected is returned in the ChargerType bits in the Battery Charger Detection Register.
The device will automatically begin a charger detection when Hub.ChgDet stage in Hub Mode is entered. The device
will provide feedback to the system through the serial port registers and the INT_Npin.
The following sections detail the sequence followed for battery charger detection.
TABLE 8-1:
CHARGERS COMPATIBLE WITH UPSTREAM DETECTION
USB ATTACH TYPE
DP/DM PROFILE
CHARGERTYPE
DCP
(Dedicated Charging Port)
Shorted < 200ohm
001
CDP
(Charging Downstream Port)
VDP reflected to VDM
010
(EnhancedChrgDet = 1)
SDP
(Standard Downstream Port)
USB Host or downstream hub port
15Kohm pull-down on DP and
DM
011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com