Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3803 Datasheet(PDF) 41 Page - Microchip Technology

Part # USB3803
Description  USB 2.0 High-Speed Hub Controller Optimized
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3803 Datasheet(HTML) 41 Page - Microchip Technology

Back Button USB3803 Datasheet HTML 37Page - Microchip Technology USB3803 Datasheet HTML 38Page - Microchip Technology USB3803 Datasheet HTML 39Page - Microchip Technology USB3803 Datasheet HTML 40Page - Microchip Technology USB3803 Datasheet HTML 41Page - Microchip Technology USB3803 Datasheet HTML 42Page - Microchip Technology USB3803 Datasheet HTML 43Page - Microchip Technology USB3803 Datasheet HTML 44Page - Microchip Technology USB3803 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 99 page
background image
 2014-2015 Microchip Technology Inc.
DS00001691B-page 41
USB3803
5.3.45
REGISTER FFH: STATUS/COMMAND - STCD
Default = 0x00h
Bit Number
Bit Name
Description
7:2
Reserved
Reserved
Note:
Software must never write a ‘1’ to these bits
1
RESET
Reset the Serial Interface and internal memory registers in address range
00h-E1h and EFh-FFh back to RESET_N assertion default settings.
Note:
During this reset, this bit is automatically cleared to its default
value of 0.}
0 = Normal Run/Idle State.
1 = Force a reset of the registers to their default state.
0
CONFIG_PROTECT
Protect the Configuration
0 = serial slave interface is active.
1 = The internal configuration memory (address range 00h-E1h and EFh-
FFh) is “write-protected” to prevent unintentional data corruption.
Note:
This bit is write once and is only cleared by assertion of the
external RESET_N pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com