Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3803 Datasheet(PDF) 47 Page - Microchip Technology

Part # USB3803
Description  USB 2.0 High-Speed Hub Controller Optimized
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3803 Datasheet(HTML) 47 Page - Microchip Technology

Back Button USB3803 Datasheet HTML 43Page - Microchip Technology USB3803 Datasheet HTML 44Page - Microchip Technology USB3803 Datasheet HTML 45Page - Microchip Technology USB3803 Datasheet HTML 46Page - Microchip Technology USB3803 Datasheet HTML 47Page - Microchip Technology USB3803 Datasheet HTML 48Page - Microchip Technology USB3803 Datasheet HTML 49Page - Microchip Technology USB3803 Datasheet HTML 50Page - Microchip Technology USB3803 Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 99 page
background image
 2014-2015 Microchip Technology Inc.
DS00001691B-page 47
USB3803
7.2.2
CONFIGURATION DESCRIPTORS
The following table provides the configuration descriptors for Full-Speed operation.
15
Product
1
yyh
If STRING_EN =0 Optional string is not supported, and
yy = 00.
If STRING_EN = 1, String support is enabled, and
yy = 02
16
SerialNumber
1
zzh
If STRING_EN =0 Optional string is not supported, and
zz = 00.
If STRING_EN = 1, String support is enabled, and
zz = 03
17
NumConfigurations
1
01h
Supports 1 configuration.
TABLE 7-2:
CONFIGURATION DESCRIPTOR (FULL-SPEED)
Offset
Field
Size
Value
Description
0
Length
1
09h
Size of this Descriptor.
1
DescriptorType
1
02h
Configuration Descriptor Type.
2
TotalLength
2
yyyyh
Total combined length of all descriptors for this configu-
ration (configuration, interface, endpoint, and class- or
vendor-specific).
yyyyh = 0019h
4
NumInterfaces
1
01h
Number of interfaces supported by this configuration.
5
ConfigurationValue
1
01H
Value to use as an argument to the SetConfiguration()
request to select this configuration.
6
Configuration
1
00h
Index of string descriptor describing this configuration
(string not supported).
7
Attributes
1
user/
signal
Configuration characteristics: Communicates the capa-
bilities of the hub regarding Remote Wake-up capability,
and also reports the self-power status. In all cases, the
value reported to the host always indicates that the hub
supports Remote Wakeup.
The value reported to the host is dependant upon the
SELF_BUS_PWR bit (CONFIG_BYTE_1)
= A0h for Bus-Powered (SELF_BUS_PWR = 0).
= E0h for Self-Powered (SELF_BUS_PWR = 1).
All other values are reserved.
TABLE 7-1:
DEVICE DESCRIPTOR (FULL-SPEED) (CONTINUED)
Offset
Field
Size
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com