Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3803 Datasheet(PDF) 80 Page - Microchip Technology

Part # USB3803
Description  USB 2.0 High-Speed Hub Controller Optimized
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3803 Datasheet(HTML) 80 Page - Microchip Technology

Back Button USB3803 Datasheet HTML 76Page - Microchip Technology USB3803 Datasheet HTML 77Page - Microchip Technology USB3803 Datasheet HTML 78Page - Microchip Technology USB3803 Datasheet HTML 79Page - Microchip Technology USB3803 Datasheet HTML 80Page - Microchip Technology USB3803 Datasheet HTML 81Page - Microchip Technology USB3803 Datasheet HTML 82Page - Microchip Technology USB3803 Datasheet HTML 83Page - Microchip Technology USB3803 Datasheet HTML 84Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 99 page
background image
USB3803
DS00001691B-page 80
 2014-2015 Microchip Technology Inc.
10.4
DC Characteristics: Digital I/O Pins
Note:
TA = -40˚C to 85˚C
Note:
3:
For I2C interface using pullups to less than 2.1V.
4:
For I2C interface using pullups to greater than 2.1V.
10.5
DC Characteristics: Analog I/O Pins
TABLE 10-5:
DIGITAL I/O CHARACTERISTICS
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Low-Level Input Voltage
VIL
Note 3
-0.3
0.42
V
Low-Level Input Voltage
VIL
Note 4
-0.3
0.34
V
High-Level Input Voltage
VIH
1.25
VDD33_BYP
+ 0.3V
V
Low-Level Input Voltage
REFCLK
VIL_REF
-0.3
0.5
V
High-Level Input Voltage
REFCLK
VIH_REF
1.4
V
Clock Input Capacitance
REFCLK
CIN
2pF
Low-Level Output Voltage
VOL
@ IOL=12mA
sink current
0.4
V
Pin Capacitance
Cpin
2
20
pF
Output Current Capability
IO
12
20
24
mA
TABLE 10-6:
DC CHARACTERISTICS: ANALOG I/O PINS (DP/DM)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
LS/FS FUNCTIONALITY
Input Levels
Differential Receiver Input
Sensitivity
VDIFS
| V(DP) - V(DM) |
0.2
V
Differential Receiver
Common-Mode Voltage
VCMFS
0.8
2.5
V
Single-Ended Receiver Low
Level Input Voltage
VILSE
0.8
V
Single-Ended Receiver High
Level Input Voltage
VIHSE
2.0
V
Single-Ended Receiver Hys-
teresis
VHYSSE
0.050
0.150
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com