Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3803 Datasheet(PDF) 82 Page - Microchip Technology

Part # USB3803
Description  USB 2.0 High-Speed Hub Controller Optimized
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3803 Datasheet(HTML) 82 Page - Microchip Technology

Back Button USB3803 Datasheet HTML 78Page - Microchip Technology USB3803 Datasheet HTML 79Page - Microchip Technology USB3803 Datasheet HTML 80Page - Microchip Technology USB3803 Datasheet HTML 81Page - Microchip Technology USB3803 Datasheet HTML 82Page - Microchip Technology USB3803 Datasheet HTML 83Page - Microchip Technology USB3803 Datasheet HTML 84Page - Microchip Technology USB3803 Datasheet HTML 85Page - Microchip Technology USB3803 Datasheet HTML 86Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 99 page
background image
USB3803
DS00001691B-page 82
 2014-2015 Microchip Technology Inc.
Note:
5:
The resistor value follows the 27% Resistor ECN published by the USB-IF.
10.6
Dynamic Characteristics: Digital I/O Pins
10.7
Dynamic Characteristics: Analog I/O Pins
Leakage Current
OFF-State Leakage Current
ILZ
±10
μA
Port Capacitance
Transceiver Input Capaci-
tance
CIN
Pin to GND
5
10
pF
TABLE 10-7:
DYNAMIC CHARACTERISTICS: DIGITAL I/O PINS (RESET_N)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Minimum Active Low Pulse
on RESET_N
TRESET
RESET_N
= ‘0’
1
ms
TABLE 10-8:
DYNAMIC CHARACTERISTICS: ANALOG I/O PINS (DP/DM)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
FS Output Driver Timing
FS Rise Time
TFR
CL = 50pF; 10 to 90% of
|VOH - VOL|
420
ns
FS Fall Time
TFF
CL = 50pF; 10 to 90% of
|VOH - VOL|
420
ns
Output Signal Crossover
Voltage
VCRS
Excluding the first transi-
tion from IDLE state
1.3
2.0
V
Differential Rise/Fall Time
Matching
TFRFM
Excluding the first transi-
tion from IDLE state
90
111.1
%
LS Output Driver Timing
LS Rise Time
TLR
CL = 50-600pF;
10 to 90% of
|VOH - VOL|
75
300
ns
LS Fall Time
TLF
CL = 50-600pF;
10 to 90% of
|VOH - VOL|
75
300
ns
Differential Rise/Fall Time
Matching
TLRFM
Excluding the first transi-
tion from IDLE state
80
125
%
HS Output Driver Timing
Differential Rise Time
THSR
500
ps
TABLE 10-6:
DC CHARACTERISTICS: ANALOG I/O PINS (DP/DM) (CONTINUED)
Parameter
Symbol
Conditions
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com