Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3803 Datasheet(PDF) 78 Page - Microchip Technology

Part # USB3803
Description  USB 2.0 High-Speed Hub Controller Optimized
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3803 Datasheet(HTML) 78 Page - Microchip Technology

Back Button USB3803 Datasheet HTML 74Page - Microchip Technology USB3803 Datasheet HTML 75Page - Microchip Technology USB3803 Datasheet HTML 76Page - Microchip Technology USB3803 Datasheet HTML 77Page - Microchip Technology USB3803 Datasheet HTML 78Page - Microchip Technology USB3803 Datasheet HTML 79Page - Microchip Technology USB3803 Datasheet HTML 80Page - Microchip Technology USB3803 Datasheet HTML 81Page - Microchip Technology USB3803 Datasheet HTML 82Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 99 page
background image
USB3803
DS00001691B-page 78
 2014-2015 Microchip Technology Inc.
Note 1:
Applicable only when VDD_CORE_REG is supplied from external power supply.
2:
Applicable only when VDD_CORE_REG is tied to VDD33_BYP.
10.3
Operating Current
The following conditions are assumed unless otherwise specified:
VBAT = 3.0 to 5.5V; VDD_CORE = 1.6 to 2.0V; VSS = 0V;
TA = 0C to +70C (Commercial), -40C to +85C (Industrial)
TABLE 10-3:
OPERATING CURRENT (DUAL SUPPLY)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
High Speed USB Operation
IVBAT(HS)
Active USB Transfer
RESET_N
= 1
BYPASS_N
=1
3 Downstream Ports
Active
67
69
72
mA
ICORE(HS)
29
31
35
mA
High Speed USB Operation
IVBAT(HS)
Active USB Transfer
RESET_N
= 1
BYPASS_N
=1
2 Downstream Ports
Active, 1 Port Disabled
46
49
50
mA
ICORE(HS)
26
28
31
mA
High Speed USB Operation
IVBAT(HS)
Active USB Transfer
RESET_N
= 1
BYPASS_N
=1
1Downstream Ports
Active, 2 Ports Disabled
24
25
28
mA
ICORE(HS)
22
24
28
mA
High Speed USB Operation
IVBAT(HS)
High Speed Idle
RESET_N
= 1
BYPASS_N
=1
3 Downstream Ports
Enabled, No USB Data
Transfer (Idle)
24
25
27
mA
ICORE(HS)
24
25
28
mA
Unconfigured
(High Speed)
IVBAT(UNCONF)
RESET_N
= 1
BYPASS_N
= 1
12
13
14
mA
ICORE(UNCONF)
17
18
22
mA
Hub Bypass
(USB3803C Only)
IVBAT(BYP)
RESET_N
= 1
BYPASS_N
= 0
Commercial Temp
26
36
60
uA
ICORE(BYP)
00
3
uA
STANDBY Mode
IVBAT(STDBY)
RESET_N
= 0
Commercial Temp
00.4
3.5
μA
ICORE(STDBY)
00
2
μA
Hub Bypass
(USB3803C Only)
IVBAT(BYP)
RESET_N
= 1
BYPASS_N
= 0
Industrial Temp
26
36
60
uA
ICORE(BYP)
00
10
uA
STANDBY Mode
IVBAT(STDBY)
RESET_N
= 0
Industrial Temp
00.4
3.5
μA
ICORE(STDBY)
00
9
μA
SUSPEND Mode
IVBAT(SPND)
USB Suspend
205
230
290
μA
ICORE(SPND)
35
65
385
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com