Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3803 Datasheet(PDF) 77 Page - Microchip Technology

Part # USB3803
Description  USB 2.0 High-Speed Hub Controller Optimized
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3803 Datasheet(HTML) 77 Page - Microchip Technology

Back Button USB3803 Datasheet HTML 73Page - Microchip Technology USB3803 Datasheet HTML 74Page - Microchip Technology USB3803 Datasheet HTML 75Page - Microchip Technology USB3803 Datasheet HTML 76Page - Microchip Technology USB3803 Datasheet HTML 77Page - Microchip Technology USB3803 Datasheet HTML 78Page - Microchip Technology USB3803 Datasheet HTML 79Page - Microchip Technology USB3803 Datasheet HTML 80Page - Microchip Technology USB3803 Datasheet HTML 81Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 99 page
background image
 2014-2015 Microchip Technology Inc.
DS00001691B-page 77
USB3803
10.0
SPECIFICATIONS
10.1
Absolute Maximum Ratings
10.2
Recommended Operating Conditions
TABLE 10-1:
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Conditions
Min
Max
Units
VBAT
VBAT
-0.5
5.5
V
VDD_CORE_REG
VDD_CORE_REG
-0.5
4.6
V
VDD33
VDD33_BYP
-0.5
4.6
V
Maximum IO Voltage to Ground
VIO
-0.5
4.6
V
REFCLK
Voltage
VMAX_REFCLK
-0.5
3.6
V
Voltage on USB+ and USB- pins
VMAX_USB
-0.5
5.5
V
Operating Temperature
TMAX_OP
Commercial
0
70
C
Operating Temperature
TMAX_OP
Industrial
-40
85
C
Storage Temperature
TMAX_STG
-55
150
C
Note:
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
This is a stress rating only and functional operation of the device at any other condition above those indi-
cated in the operation sections of this specification is not implied.
When powering this device from laboratory or system power supplies, it is important that the Absolute Max-
imum Ratings not be exceeded or device failure can result. Some power supplies exhibit voltage spikes on
their outputs when the AC power is switched on or off. In addition, voltage transients on the AC power line
may appear on the DC output. When this possibility exists, it is suggested that a clamp circuit be used.
TABLE 10-2:
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Conditions
Min
Typ
Max
Units
VBAT
VBAT
2.9
5.5
V
VDD_CORE_REG
VDD_CORE_REG
Note 1
1.6
1.8
2.0
V
VDD_CORE_REG
VDD_CORE_REG
Note 2
3.0
3.3
3.6
V
Input Voltage on I/O Pins
VI
-0.3
1.8
3.6
V
Input Voltage (DP, DM)
VIUSB
-0.3
5.5
V
Voltage on REFCLK
VREFCLK
-0.3
3.6
V
Ambient Temperature
TA
Commercial
0
70
C
Ambient Temperature
TA
Industrial
-40
85
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com