Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3803 Datasheet(PDF) 20 Page - Microchip Technology

Part # USB3803
Description  USB 2.0 High-Speed Hub Controller Optimized
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3803 Datasheet(HTML) 20 Page - Microchip Technology

Back Button USB3803 Datasheet HTML 16Page - Microchip Technology USB3803 Datasheet HTML 17Page - Microchip Technology USB3803 Datasheet HTML 18Page - Microchip Technology USB3803 Datasheet HTML 19Page - Microchip Technology USB3803 Datasheet HTML 20Page - Microchip Technology USB3803 Datasheet HTML 21Page - Microchip Technology USB3803 Datasheet HTML 22Page - Microchip Technology USB3803 Datasheet HTML 23Page - Microchip Technology USB3803 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 99 page
background image
USB3803
DS00001691B-page 20
 2014-2015 Microchip Technology Inc.
5.0
CONFIGURATION OPTIONS
5.1
Hub Configuration Options
The Hub supports a number of features (some are mutually exclusive), and must be configured in order to correctly func-
tion when attached to a USB host controller. There are two principal ways to configure the hub: by writing to configuration
registers using the serial slave port, or by internal default settings. Any configuration registers which are not written by
the serial slave retain their default settings.
5.1.1
MULTI/SINGLE TT
The USB 2.0 Hub is fully specification compliant to the Universal Serial Bus Specification Revision 2.0 April 27,2000
(12/7/2000 and 5/28/2002 Errata). Please reference Chapter 11 (Hub Specification) for general details regarding Hub
operation and functionality.
For performance reasons, the Hub provides 1 Transaction Translator (TT) per port (defined as Multi-TT configuration),
and each TT has 1512 bytes of periodic buffer space and 272 Bytes of non- periodic buffer space (divided into 4 non-
periodic buffers per TT), for a total of 1784 bytes of buffer space for each Transaction Translator.
When configured as a Single-TT Hub (required by USB 2.0 Specification), the Single Transaction Translator will have
1512 bytes of periodic buffer space and 272 bytes of non-periodic buffer space (divided into 4 non-periodic buffers per
TT), for a total of 1784 bytes of buffer space for the entire Transaction Translator. Each Transaction Translator’s buf-
fer is divided as shown in
Table 5-1, "Transaction Translator Buffer Chart".
5.1.2
VBUS DETECT
According to Section 7.2.1 of the USB 2.0 Specification, a downstream port can never provide power to its D+ or D- pull-
up resistors unless the upstream port's VBUS is in the asserted (powered) state. Depending on input tie-offs and values
in the configuration registers, the USB3803 may automatically enable the D+ pull-up resistor once it enters the Hub.Con-
nect stage of Hub Mode (after RESET_N and BYPASS_N (USB3803C Only) are both negated high.) To fully adhere
to the USB specification, the system should not cause the part to enter Hub.Com Hub Mode until VBUS has been
detected on the upstream port and a connection is desired.
5.2
Default Serial Interface Register Memory Map
The Serial Interface Registers are used to customize the USB3803 for specific applications. Reserved registers or
reserved bits within a defined register should not be written to non-default values or undefined behavior may result.
TABLE 5-1:
TRANSACTION TRANSLATOR BUFFER CHART
Periodic Start-Split Descriptors
256 Bytes
Periodic Start-Split Data
752 Bytes
Periodic Complete-Split Descriptors
128 Bytes
Periodic Complete-Split Data
376 Bytes
Non-Periodic Descriptors
16 Bytes
Non-Periodic Data
256 Bytes
Total for each Transaction Translator
1784 Bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com