Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3803 Datasheet(PDF) 16 Page - Microchip Technology

Part # USB3803
Description  USB 2.0 High-Speed Hub Controller Optimized
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3803 Datasheet(HTML) 16 Page - Microchip Technology

Back Button USB3803 Datasheet HTML 12Page - Microchip Technology USB3803 Datasheet HTML 13Page - Microchip Technology USB3803 Datasheet HTML 14Page - Microchip Technology USB3803 Datasheet HTML 15Page - Microchip Technology USB3803 Datasheet HTML 16Page - Microchip Technology USB3803 Datasheet HTML 17Page - Microchip Technology USB3803 Datasheet HTML 18Page - Microchip Technology USB3803 Datasheet HTML 19Page - Microchip Technology USB3803 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 99 page
background image
USB3803
DS00001691B-page 16
 2014-2015 Microchip Technology Inc.
FIGURE 4-1:
MODES OF OPERATION FLOWCHART
Hub Communication Stage
(USB Traffic)
Hub Battery Charger Detection Stage
Hub Connect Stage
Hub Configuration Stage
Hub Wait RefClk Stage
Start
(SOC Set Pin RESET_N=0)
System Detects
VBUS/Cable
Inserted?
N
PMIC/SOC
Battery Charger Detection
(or other switch function)
SOC Set Pin RESET_N=1
SOC Set Pin BYPASS_N=0
Y
SOC Set RESET_N=1
SOC Set BYPASS_N=1
Hub Enables Pullup Reistor
Host Enumerates and
Configures Hub
Host Initiates Data Transfers
to Downstream Devices
System identifies loss of
VBUS (cable removal)
SOC Set Pin RESET_N=0
SOC Set Pin BYPASS_N=0
System
Detects VBUS
Present?
Y
N
Legend
Bypass
Mode
(USB3803C
ONLY)
Hub Mode
Standby
Mode
Hub Initialization Stage
Core Regulator Enabled
Power-On-Reset
PLL Synchronization
Timeout or
I2C Write
SP_ILOCK.
config_n
=1
I2C Write
Wait for
I2C bit
SP_ILOCK.config_n
=0
Hub Charger Detection
Integrated Battery Charger
Detection
Timeout
0
BCHGMODE.
EnableChrgDet
1
SP_ILOCK.
config_n
0
1
REF_CLK available
N
Default Charger
Detection
-
Run on Ring Oscillator
with default settings
BCHGMODE
.Enable
ChrgDet
1
Wait for
REF_CLK
0
Y
Wait for Pin
HUB_CONNECT=1
OR I2C bit
SP_ILOCK.connect_n
=0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com