Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3803 Datasheet(PDF) 48 Page - Microchip Technology

Part # USB3803
Description  USB 2.0 High-Speed Hub Controller Optimized
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3803 Datasheet(HTML) 48 Page - Microchip Technology

Back Button USB3803 Datasheet HTML 44Page - Microchip Technology USB3803 Datasheet HTML 45Page - Microchip Technology USB3803 Datasheet HTML 46Page - Microchip Technology USB3803 Datasheet HTML 47Page - Microchip Technology USB3803 Datasheet HTML 48Page - Microchip Technology USB3803 Datasheet HTML 49Page - Microchip Technology USB3803 Datasheet HTML 50Page - Microchip Technology USB3803 Datasheet HTML 51Page - Microchip Technology USB3803 Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 99 page
background image
USB3803
DS00001691B-page 48
 2014-2015 Microchip Technology Inc.
7.2.3
INTERFACE DESCRIPTOR (FULL-SPEED)
The following table provides the interface descriptor values for Full-Speed operation.
8
MaxPower
1
user
Maximum Power Consumption of the Hub from VBUS
when fully operational. This value includes all support
circuitry associated with the hub (including an attached
“embedded” peripheral if hub is part of a compound
device), and is in 2mA increments. The Hub supports
Self-Powered and Bus-Powered operation. The SELF-
_BUS_PWR bit (CONFIG_BYTE_1) is used to deter-
mine which of the values below are reported. The value
reported to the host must coincide with the current oper-
ating mode, and will be determined by the following
rules.
The value that is reported to the host will be:
‘MAX_PWR_BP’ if SELF_BUS_PWR = ‘0’
‘MAX_PWR_SP’ if SELF_BUS_PWR = ‘1’
In all cases the reported value is sourced from the MAX
POWER data field (for Self or Bus power) that was
loaded by Internal Default, or serial port configuration.
TABLE 7-3:
INTERFACE DESCRIPTOR (FULL-SPEED)
Offset
Field
Size
Value
Description
0
Length
1
09h
Size of this Descriptor
1
DescriptorType
1
04h
Interface Descriptor Type
2
InterfaceNumber
1
00h
Number of this interface.
3
AlternateSetting
1
00h
Value used to select this alternate setting for the inter-
face.
4
NumEndpoints
1
01h
Number of endpoints used by this interface (not includ-
ing endpoint 0).
5
InterfaceClass
1
09h
Hub class code.
6
InterfaceSubclass
1
00h
Subclass code
7
InterfaceProtocol
1
00h
Protocol code.
8
Interface
1
00h
Index of the string descriptor describing this interface
(strings not supported).
TABLE 7-2:
CONFIGURATION DESCRIPTOR (FULL-SPEED) (CONTINUED)
Offset
Field
Size
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com