Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3803 Datasheet(PDF) 1 Page - Microchip Technology

Part # USB3803
Description  USB 2.0 High-Speed Hub Controller Optimized
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3803 Datasheet(HTML) 1 Page - Microchip Technology

  USB3803 Datasheet HTML 1Page - Microchip Technology USB3803 Datasheet HTML 2Page - Microchip Technology USB3803 Datasheet HTML 3Page - Microchip Technology USB3803 Datasheet HTML 4Page - Microchip Technology USB3803 Datasheet HTML 5Page - Microchip Technology USB3803 Datasheet HTML 6Page - Microchip Technology USB3803 Datasheet HTML 7Page - Microchip Technology USB3803 Datasheet HTML 8Page - Microchip Technology USB3803 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 99 page
background image
 2014-2015 Microchip Technology Inc.
DS00001691B-page 1
Features
• Integrated USB 2.0 Compatible 3-Port Hub
• Advanced power saving features
-1
μA Typical Standby Current
- Port goes into power saving state when no
devices are connected downstream
- Port is shutdown when port is disabled
- Digital core shut down in Bypass (USB3803C
only)
and Standby Mode
• Provides USB Battery Charger Detection for:
- USB-IF Battery Charging 1.1 compliant Dedi-
cated Charging Ports (DCP)
- USB-IF Battery Charging 1.1 compliant
Charging Downstream Port (CDP)
- Standard Downstream Port (SDP); ie. USB
host or downstream hub port
- Downstream Hub Ports Support USB-IF Bat-
tery Charging 1.1 as Charging Downstream
Port (CDP)
• Supports either Single-TT or Multi-TT configura-
tions for Full-Speed and Low-Speed connections
(when connected to a High-Speed host)
• Bypass Switch for low power single port operation
- Battery charging detection using a PMIC
- Stereo and mono/mic audio
- USB1.1 Data
• Enhanced configuration options available through
serial I2C Slave Port
- VID/PID/DID
- String Descriptors
- Configuration options for Hub.
• Internal Default configuration option when serial
I2C host not available
•MultiTRAKTM
- Dedicated Transaction Translator per port
•PortMap
- Configurable port mapping and disable
sequencing
•PortSwap
- Configurable differential intra-pair signal
swapping
• PHYBoostTM
- Programmable USB transceiver drive
strength for recovering signal integrity
• VariSenseTM
- Programmable USB receiver sensitivity
•flexPWR® Technology
- Low current design ideal for battery powered
applications
- Internal supply switching provides low power
modes
• External 12, 19.2, 26, or 38.4MHz clock input
• Internal 3.3V & 1.2V Voltage Regulators for single
supply operation
- External VBAT and 1.8V dual supply input
option
• Internal Short Circuit protection of USB differential
signal pins
• ±5kV HBM ESD Protection
• 25-pin WLCS (1.95mm x 1.95mm Wafer Level
Chip Scale) Package - 0.4mm ball pitch
Target Applications
The USB3803 is targeted for applications where more
than one USB port is required. As mobile devices add
more features and the systems become more complex
it is necessary to have more than one USB port to take
communicate with the internal and peripheral devices.
• Mobile Phones
• Ultra Mobile PCs
• Tablet Computers
• Digital Still Cameras
• Digital Video Camcorders
• Gaming Consoles
•PDAs
• Portable Media Players
• GPS Personal Navigation Devices
• Media Players/Viewers
USB3803
USB 2.0 High-Speed Hub Controller Optimized
for Portable Applications


Similar Part No. - USB3803

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB3813 SMSC-USB3813 Datasheet
882Kb / 68P
USB 2.0 Hi-Speed 3-Port Hub Controller Optimized for Portable Applications
logo
Microchip Technology
USB3813 MICROCHIP-USB3813 Datasheet
522Kb / 57P
USB 2.0 Hi-Speed 3-Port Hub Controller
03/25/14
logo
SMSC Corporation
USB3813-1080XY SMSC-USB3813-1080XY Datasheet
882Kb / 68P
USB 2.0 Hi-Speed 3-Port Hub Controller Optimized for Portable Applications
logo
Microchip Technology
USB3813-1080XY MICROCHIP-USB3813-1080XY Datasheet
522Kb / 57P
USB 2.0 Hi-Speed 3-Port Hub Controller
03/25/14
logo
SMSC Corporation
USB3813-1080XY-TR SMSC-USB3813-1080XY-TR Datasheet
882Kb / 68P
USB 2.0 Hi-Speed 3-Port Hub Controller Optimized for Portable Applications
More results

Similar Description - USB3803

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2517 SMSC-USB2517 Datasheet
1Mb / 72P
USB 2.0 Hi-Speed Hub Controller
USB2512B-AEZG SMSC-USB2512B-AEZG_12 Datasheet
1Mb / 63P
USB 2.0 Hi-Speed Hub Controller
USB3503 SMSC-USB3503 Datasheet
1Mb / 82P
USB 2.0 HSIC High-Speed Hub Controller Optimized for Portable Applications
logo
Microchip Technology
USB2512B-AEZG-TR MICROCHIP-USB2512B-AEZG-TR Datasheet
861Kb / 63P
USB 2.0 Hi-Speed Hub Controller
Revision 2.2 02-17-12
logo
SMSC Corporation
USB2514B-AEZC-TR SMSC-USB2514B-AEZC-TR Datasheet
1Mb / 63P
USB 2.0 Hi-Speed Hub Controller
logo
Microchip Technology
USB2512 MICROCHIP-USB2512 Datasheet
887Kb / 57P
USB 2.0 Hi-Speed Hub Controller
07/14/15
USB3503 MICROCHIP-USB3503 Datasheet
1Mb / 73P
USB 2.0 HSIC High-Speed Hub Controller Optimized
01/27/15
USB2512B MICROCHIP-USB2512B Datasheet
887Kb / 57P
USB 2.0 Hi-Speed Hub Controller
07/14/15
USB251XB MICROCHIP-USB251XB Datasheet
1,017Kb / 57P
USB 2.0 Hi-Speed Hub Controller
10-20-15
USB251 MICROCHIP-USB251 Datasheet
810Kb / 57P
USB 2.0 Hi-Speed Hub Controller
2010 - 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com