Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3803 Datasheet(PDF) 40 Page - Microchip Technology

Part # USB3803
Description  USB 2.0 High-Speed Hub Controller Optimized
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3803 Datasheet(HTML) 40 Page - Microchip Technology

Back Button USB3803 Datasheet HTML 36Page - Microchip Technology USB3803 Datasheet HTML 37Page - Microchip Technology USB3803 Datasheet HTML 38Page - Microchip Technology USB3803 Datasheet HTML 39Page - Microchip Technology USB3803 Datasheet HTML 40Page - Microchip Technology USB3803 Datasheet HTML 41Page - Microchip Technology USB3803 Datasheet HTML 42Page - Microchip Technology USB3803 Datasheet HTML 43Page - Microchip Technology USB3803 Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 99 page
background image
USB3803
DS00001691B-page 40
 2014-2015 Microchip Technology Inc.
5.3.44
REGISTER FCH: PORT REMAP 34 - PRTR34
Default = 0x03h - Physical port is mapped to corresponding logical port.
Bit Number
Bit Name
Description
7:0
PRTR34
Port remap register for ports 3.
When a hub is enumerated by a USB Host Controller, the hub is only permitted
to report how many ports it has, the hub is not permitted to select a numerical
range or assignment. The Host Controller will number the downstream ports of
the hub starting with the number ‘1’, up to the number of ports that the hub
reported having.
The host’s port number is referred to as “Logical Port Number” and the physical
port on the hub is the Physical Port Number”. When remapping mode is enabled
(see PRTMAP_EN in Section 5.3.9) the hub’s downstream port numbers can be
remapped to different logical port numbers (assigned by the host).
Note: the customer must ensure that Contiguous Logical Port Numbers are
used, starting from #1 up to the maximum number of enabled ports, this ensures
that the hub’s ports are numbered in accordance with the way a Host will com-
municate with the ports.
Bit [7:4] =
‘0000’ Reserved – software must not write ‘1’ to any of these bits.
‘0001’
to
‘1111’
Reserved, will default to ‘0000’ value
Bit [3:0] =
‘0000’ Physical Port 3 is Disabled
‘0001’ Physical Port 3 is mapped to Logical Port 1
‘0010’ Physical Port 3 is mapped to Logical Port 2
‘0011’ Physical Port 3 is mapped to Logical Port 3
‘0100’ Reserved, will default to ‘0000’ value Physical Port 3 is
mapped to Logical Port 4
‘0101’
to
‘1111’
Reserved, will default to ‘0000’ value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com