Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3803 Datasheet(PDF) 68 Page - Microchip Technology

Part # USB3803
Description  USB 2.0 High-Speed Hub Controller Optimized
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3803 Datasheet(HTML) 68 Page - Microchip Technology

Back Button USB3803 Datasheet HTML 64Page - Microchip Technology USB3803 Datasheet HTML 65Page - Microchip Technology USB3803 Datasheet HTML 66Page - Microchip Technology USB3803 Datasheet HTML 67Page - Microchip Technology USB3803 Datasheet HTML 68Page - Microchip Technology USB3803 Datasheet HTML 69Page - Microchip Technology USB3803 Datasheet HTML 70Page - Microchip Technology USB3803 Datasheet HTML 71Page - Microchip Technology USB3803 Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 99 page
background image
USB3803
DS00001691B-page 68
 2014-2015 Microchip Technology Inc.
7.7
String Descriptors
The USB3803 supports a 30 Character Manufacturer String Descriptor, a 30 Character Product String and a 30 charac-
ter Serial String.
6
HubContrCurrent
1
user
Maximum current requirements of the Hub Controller
electronics in 1 mA increments. See Section 11.23.2.1 in
the USB Specification for additional details on the use of
this field.
This field reports the maximum current that only the hub
consumes from upstream VBUS when fully operational.
This value includes all support circuitry associated with
the hub (but does not include the current consumption of
any permanently attached peripherals if the hub is part
of a compound device).
The Hub supports Self-Powered and Bus-Powered
operation. The SELF_BUS_PWR bit (CONFIG_-
BYTE_1) defined in Section 5.3.7, "Register 06h: CON-
FIG_BYTE_1 - CFG1," on page 24 is used to determine
which of the stored values are reported. The value
reported to the host must coincide with the current oper-
ating mode, and will be determined by the following
rules.
The value that is reported to the host will be:
‘HC_MAX_C_BP’ if SELF_BUS_PWR = ‘0’
‘HC_MAX_C_SP’ if SELF_BUS_PWR = ‘1’
‘HC_MAX_C_BP/SP’ are defined in Section 5.3.15, and
Section 5.3.16, "Register 0Fh: Hub Controller Max Cur-
rent For Bus Powered Operation - HCMCB," on
page 28. In all cases the reported value is sourced from
the Hub Controller Max Current data field (for Self or
Bus power) that was determined by Internal Default, or
serial port load.
7
DeviceRemovable
1
user
Indicates if port has a removable device attached. See
Section 11.23.2.1 in the USB Specification.
The value contained in the ‘NR_DEVICE’ field is directly
reported to the host, and is determined by Internal
Default, or serial port load.
8
PortPwrCtrlMask
1
FFh
Field for backwards USB 1.0 compatibility.
TABLE 7-33:
CLASS-SPECIFIC HUB DESCRIPTOR (FULL-SPEED & HIGH-SPEED) (CONTINUED)
Offset
Field
Size
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com