Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3803 Datasheet(PDF) 24 Page - Microchip Technology

Part # USB3803
Description  USB 2.0 High-Speed Hub Controller Optimized
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3803 Datasheet(HTML) 24 Page - Microchip Technology

Back Button USB3803 Datasheet HTML 20Page - Microchip Technology USB3803 Datasheet HTML 21Page - Microchip Technology USB3803 Datasheet HTML 22Page - Microchip Technology USB3803 Datasheet HTML 23Page - Microchip Technology USB3803 Datasheet HTML 24Page - Microchip Technology USB3803 Datasheet HTML 25Page - Microchip Technology USB3803 Datasheet HTML 26Page - Microchip Technology USB3803 Datasheet HTML 27Page - Microchip Technology USB3803 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 99 page
background image
USB3803
DS00001691B-page 24
 2014-2015 Microchip Technology Inc.
5.3.7
REGISTER 06H: CONFIG_BYTE_1 - CFG1
Bit Number
Bit Name
Description
7SELF-
_BUS_PWR
Self or Bus Power: Selects between Self- and Bus-Powered operation.
The Hub is either Self-Powered (draws less than 2mA of upstream bus power) or
Bus-Powered (limited to a 100mA maximum of upstream power prior to being
configured by the host controller).
When configured as a Bus-Powered device, the Microchip Hub consumes less
than 100mA of current prior to being configured. After configuration, the Bus-
Powered Microchip Hub (along with all associated hub circuitry, any embedded
devices if part of a compound device, and 100mA per externally available down-
stream port) must consume no more than 500mA of upstream VBUS current.
The current consumption is system dependent, and the customer must ensure
that the USB 2.0 specifications are not violated.
When configured as a Self-Powered device, <1mA of upstream VBUS current is
consumed and all ports are available, with each port being capable of sourcing
500mA of current.
This field is set by the customer using the serial interface options.
0 = Bus-Powered operation.
1 = Self-Powered operation.
6
Reserved
Reserved
5
HS_DISABLE
High Speed Disable: Disables the capability to attach as either a High/Full-
speed device, and forces attachment as Full-speed only i.e. (no High-Speed
support).
0 = High-/Full-Speed.
1 = Full-Speed-Only (High-Speed disabled!)
4
MTT_ENABLE Multi-TT enable: Enables one transaction translator per port operation.
Selects between a mode where only one transaction translator is available for all
ports (Single-TT), or each port gets a dedicated transaction translator (Multi-TT)
{Note: The host may force Single-TT mode only}.
0 = single TT for all ports.
1 = one TT per port (multiple TT’s supported)
3
EOP_DISABLE EOP Disable: Disables EOP generation of EOF1 when in Full-Speed mode.
During FS operation only, this permits the Hub to send EOP if no downstream
traffic is detected at EOF1. See Section 11.3.1 of the USB 2.0 Specification for
additional details. Note: generation of an EOP at the EOF1 point may prevent a
Host controller (operating in FS mode) from placing the USB bus in suspend.
0 = An EOP is generated at the EOF1 point if no traffic is detected.
1 = EOP generation at EOF1 is disabled (note: this is normal USB operation).
Note:
This is a rarely used feature in the PC environment, existing drivers
may not have been thoroughly debugged with this feature enabled. It
is included because it is a permitted feature in Chapter 11 of the USB
specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com