Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3803 Datasheet(PDF) 14 Page - Microchip Technology

Part # USB3803
Description  USB 2.0 High-Speed Hub Controller Optimized
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3803 Datasheet(HTML) 14 Page - Microchip Technology

Back Button USB3803 Datasheet HTML 10Page - Microchip Technology USB3803 Datasheet HTML 11Page - Microchip Technology USB3803 Datasheet HTML 12Page - Microchip Technology USB3803 Datasheet HTML 13Page - Microchip Technology USB3803 Datasheet HTML 14Page - Microchip Technology USB3803 Datasheet HTML 15Page - Microchip Technology USB3803 Datasheet HTML 16Page - Microchip Technology USB3803 Datasheet HTML 17Page - Microchip Technology USB3803 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 99 page
background image
USB3803
DS00001691B-page 14
 2014-2015 Microchip Technology Inc.
3.3.4
INTERRUPT
The general interrupt pin (INT_N) is intended to communicate a condition change within the hub. The conditions which
may cause an interrupt are captured within a register mapped to the serial port (Register E8h: Serial Port Interrupt Status
- INT_STATUS.) The conditions which cause the interrupt to assert can be controlled through use of an interrupt mask
register (Register E9h: Serial Port Interrupt Mask - INT_MASK.)
The general interrupt and all interrupt conditions are functionally latched and event driven. Once the interrupt or any of
the conditions have asserted, the status bit will remain asserted until the SOC negates the bit using the serial port. The
bits will then remain negated until a new event condition occurs. The latching nature of the register causes the status to
remain even if the condition that caused the interrupt ceases to be active. The event driven nature of the register causes
the interrupt to only occur when a new event occurs- when a condition is removed and then is applied again. (e.g. if the
battery charger detection routine has completed and the SOC negates the interrupt status, it will not cause an interrupt
just because the charger detection is still completed- a new charger detection routine has to run before its associated
interrupt will assert again.)
The function of the interrupt and the associated status and masking registers are illustrated in Figure 3-2, "INT_N Oper-
ation". Registers & Register bits shown in the figure are defined in Table 5-2, “Serial Interface Registers,” on page 21
and Section 5.3, "Serial Interface Register Definitions," on page 23.
Figure 3-2 also shows an alternate configuration option (CFGP.INTSUSP) for a suspend interrupt. This option allows
the user to change the behavior of the INT_N pin to become a direct level indication of configuration and suspend status.
When selected, the INT_N indicates that the entire hub has entered the USB suspend state and that VBUS current con-
sumption should be reduced in accordance with the USB specification. Selective suspend set by the host on down-
stream hub ports have no effect on this signal because there is no requirement to reduce current consumption from the
upstream VBUS. It can be used by the system to monitor INT_N to dynamically adjust how much current the PMIC
draws from VBUS to charge the battery in the system during a USB session. Because it is a level indication, it will assert
or negate to reflect the current status of suspend without any interaction through the serial port.
When negated high this means no level suspend interrupt and device has been configured by the USB Host. The full
configured current can be drawn from the USB VBUS pin on the USB connector for charging - up to 500mA depending
on descriptor setting. When asserted low, this indicates a suspend interrupt or device not yet configured by USB Host.
The current draw can be limited by the system according to the USB specification. The USB specification limits current
to 100mA before configuration, and up to 12.5mA in USB suspend mode.
FIGURE 3-2:
INT_N OPERATION
Note:
Because INT_N is driven low when active, care must be taken when selecting the external pullup resistor
value for this open drain output. A sufficiently large resistor must be selected to insure suspend current
requirements can be satisfied for the system.
Reserved
Reserved
Serial Port
W rite Logic
INT_N
Q
Q
SET
CLR
D
INT_MASK
<1>
<2>
<3>
<4>
Q
Q
SET
CLR
S
R
INT_STATUS <7>
<0>
Q
Q
SET
CLR
S
R
Q
Q
SET
CLR
S
R
Q
Q
SET
CLR
S
R
Q
Q
SET
CLR
S
R
Q
Q
SET
CLR
S
R
INT_STATUS<4:0>
SCL/SDA
Hub Configured by USB Host
(HubConf)
Port Power Register Updated
(PrtPwr)
Hub in USB Suspend Mode
(SuspInd)
Suspended OR
NOT Configured
Q
Q
SET
CLR
D
CFGP.INTSUSP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com