Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3803 Datasheet(PDF) 26 Page - Microchip Technology

Part # USB3803
Description  USB 2.0 High-Speed Hub Controller Optimized
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3803 Datasheet(HTML) 26 Page - Microchip Technology

Back Button USB3803 Datasheet HTML 22Page - Microchip Technology USB3803 Datasheet HTML 23Page - Microchip Technology USB3803 Datasheet HTML 24Page - Microchip Technology USB3803 Datasheet HTML 25Page - Microchip Technology USB3803 Datasheet HTML 26Page - Microchip Technology USB3803 Datasheet HTML 27Page - Microchip Technology USB3803 Datasheet HTML 28Page - Microchip Technology USB3803 Datasheet HTML 29Page - Microchip Technology USB3803 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 99 page
background image
USB3803
DS00001691B-page 26
 2014-2015 Microchip Technology Inc.
5.3.10
REGISTER 09H: NON-REMOVABLE DEVICE - NRD
5.3.11
REGISTER 0AH: PORT DISABLE FOR SELF POWERED OPERATION - PDS
Default = 0x00h
2:1
Reserved
Reserved
0
STRING_EN
Enables String Descriptor Support
‘0’ = String Support Disabled
‘1’ = String Support Enabled
Bit Number
Bit Name
Description
7:0
NR_DEVICE
Non-Removable Device: Indicates which port(s) include non- removable
devices.
‘0’ = port is removable
‘1’ = port is non- removable.
Informs the Host if one of the active physical ports has a permanent device that
is undetachable from the Hub. (Note: The device must provide its own descriptor
data.)
Bit 7= Reserved
Bit 6= Reserved
Bit 5= Reserved
Bit 4= Reserved
Bit 3= Port 3 non-removable.
Bit 2= Port 2 non-removable.
Bit 1= Port 1 non removable.
Bit 0= Reserved
Bit Number
Bit Name
Description
7:0
PORT_DIS_SP Port Disable Self-Powered: Disables 1 or more ports.
‘0’ = port is available
‘1’ = port is disabled.
During Self-Powered operation, when PRTMAP_EN = ‘0’, this selects the ports
which will be permanently disabled, and are not available to be enabled or enu-
merated by a Host Controller. The ports can be disabled in any order, the inter-
nal logic will automatically report the correct number of enabled ports to the USB
Host, and will reorder the active ports in order to ensure proper function.
Bit 7= Reserved
Bit 6= Reserved
Bit 5= Reserved
Bit 4= Reserved
Bit 3= Port 3 Disable.
Bit 2= Port 2 Disable.
Bit 1= Port 1 Disable.
Bit 0= Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com