Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3803 Datasheet(PDF) 15 Page - Microchip Technology

Part # USB3803
Description  USB 2.0 High-Speed Hub Controller Optimized
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3803 Datasheet(HTML) 15 Page - Microchip Technology

Back Button USB3803 Datasheet HTML 11Page - Microchip Technology USB3803 Datasheet HTML 12Page - Microchip Technology USB3803 Datasheet HTML 13Page - Microchip Technology USB3803 Datasheet HTML 14Page - Microchip Technology USB3803 Datasheet HTML 15Page - Microchip Technology USB3803 Datasheet HTML 16Page - Microchip Technology USB3803 Datasheet HTML 17Page - Microchip Technology USB3803 Datasheet HTML 18Page - Microchip Technology USB3803 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 99 page
background image
 2014-2015 Microchip Technology Inc.
DS00001691B-page 15
USB3803
4.0
MODES OF OPERATION
The USB3803 has modes of operation - Standby Mode, Bypass Mode (USB3803C only) and Hub Mode which balance
power consumption with functionality. The operating mode of the USB3803 is selected by setting values on primary
inputs according to the table below.
Note 1:
Bypass mode is only available in the USB3803C. The BYPASS_N pin must always be driven high in the
USB3803B. Refer to Section 1.0, "General Description," on page 4 for a list of differences between each
version of the USB3803.
4.1
Operational Mode Flowchart
The flowchart in Figure 4-1 shows the modes of operation. It also shows how the USB3803 traverses through the Hub
mode stages (shown in bold.) The flow of control is dictated by control register bits shown in Italics as well as other
events such as availability of reference clock. Refer to Section 5.3, "Serial Interface Register Definitions," on page 23
for the detailed definition of the control register bits. In this specification register bits are referenced using the syntax
<Register>.<RegisterBit>. A summary of all registers can be found in Table 5-2, “Serial Interface Registers,” on
page 21.
The remaining sections in this chapter provide more detail on each stage and mode of operation.
TABLE 4-1:
CONTROLLING MODES OF OPERATION
RESET_N
input
BYPASS_N
Input (Note 1)
Resulting
Mode
Summary
0
0
Standby
Lowest Power Mode – no function other than monitoring
RESET_N and BYPASS_N inputs to move to higher
states. Switch Resistance is RSTDBY. All regulators are
powered off.
10
Bypass
(Note 1)
Low Power Mode - Bypass Switch connects bypass port
(downstream port 3) to upstream port with low switch
resistance RON.
1
1
Hub
Full Feature Mode - Operates as a configurable USB hub
with battery charger detection. Switch is disabled and
assumes high switch resistance ROFF. Power consump-
tion based on how many ports are active, at what speeds
they are running and amount of data transferred (refer to
Table 10-3 and Table 10-4).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com