Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 25 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 25 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 21Page - National Semiconductor (TI) CS5530 Datasheet HTML 22Page - National Semiconductor (TI) CS5530 Datasheet HTML 23Page - National Semiconductor (TI) CS5530 Datasheet HTML 24Page - National Semiconductor (TI) CS5530 Datasheet HTML 25Page - National Semiconductor (TI) CS5530 Datasheet HTML 26Page - National Semiconductor (TI) CS5530 Datasheet HTML 27Page - National Semiconductor (TI) CS5530 Datasheet HTML 28Page - National Semiconductor (TI) CS5530 Datasheet HTML 29Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 241 page
background image
Revision 4.1
25
www.national.com
Signal Definitions (Continued)
GNT#
D24
I
5VT
PCI Bus Grant
GNT# is asserted by an arbiter that indicates to the CS5530 that access
to the PCI bus has been granted.
GNT# should connect to GNT0# of the GXLV processor and function as
the highest-priority PCI master.
HOLD_REQ#
H26
Strap
Option
Pin
O
PCI Bus Hold Request
This pin’s function as HOLD_REQ# is no longer applicable.
I
5VT
StrapOptionSelect Pin
Pin H26 is a strap option select pin. It allows selection of which address
bits areusedasthe IDSEL.
Strap pin H26 low: IDSEL = AD28 (Chipset Register Space) and AD29
(USB Register Space)
Strap pin H26 high: IDSEL = AD26 (Chipset Register Space) and AD27
(USB Register Space)
FRAME#
C23
I/O
t/s
5VT
PCI Cycle Frame
FRAME# is asserted to indicate the start and duration of a transaction. It
is deasserted on the final data phase.
FRAME# is an input when the CS5530 is a PCI slave.
IRDY#
B24
I/O
t/s
5VT
PCI Initiator Ready
IRDY# is driven by the master to indicate valid data on a write transaction,
or that it is ready to receive data on a read transaction.
When the CS5530 is a PCI slave, IRDY# is an input that can delay the
beginning of a write transaction or the completion of a read transaction.
Wait cycles are inserted until both IRDY# and TRDY# are asserted
together.
TRDY#
B23
I/O
t/s
5VT
PCI Target Ready
TRDY# is asserted by a PCI slave to indicate it is ready to complete the
current data transfer.
TRDY# is an input that indicates a PCI slave has driven valid data on a
read or a PCI slave is ready to accept data from the CS5530 on a write.
TRDY# is an output that indicates the CS5530 has placed valid data on
AD[31:0] during a read or is ready to accept the data from a PCI master
on a write.
Wait cycles are inserted until both IRDY# and TRDY# are asserted
together.
STOP#
E26
I/O
t/s
5VT
PCI Stop
As an input, STOP# indicates that a PCI slave wants to terminate the cur-
rent transfer. The transfer will either be aborted or retried. STOP# is also
used to end a burst.
As an output, STOP# is asserted with TRDY# to indicate a target discon-
nect, or without TRDY# to indicate a target retry. The CS5530 will assert
STOP# during any cache line crossings if in single transfer DMA mode or
if busy.
2.2.4
PCI Interface (Continued)
Signal Name
Pin
No.
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com