Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 41 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 41 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 37Page - National Semiconductor (TI) CS5530 Datasheet HTML 38Page - National Semiconductor (TI) CS5530 Datasheet HTML 39Page - National Semiconductor (TI) CS5530 Datasheet HTML 40Page - National Semiconductor (TI) CS5530 Datasheet HTML 41Page - National Semiconductor (TI) CS5530 Datasheet HTML 42Page - National Semiconductor (TI) CS5530 Datasheet HTML 43Page - National Semiconductor (TI) CS5530 Datasheet HTML 44Page - National Semiconductor (TI) CS5530 Datasheet HTML 45Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 241 page
background image
Revision 4.1
41
www.national.com
Functional Description (Continued)
3.1
PROCESSOR INTERFACE
The CS5530 interface to the GXLV processor consists of
seven miscellaneous connections, the PCI bus interface
signals, plus the display controller connections. Figure 3-1
shows the interface requirements. Note that the PC/AT
legacy pins NMI, WM_RST, and A20M are all virtual func-
tions executed in SMM (System Management Mode) by
the BIOS.
• PSERIAL is a one-way serial bus from the processor to
the CS5530 used to communicate power-management
states and VSYNC information for VGA emulation.
• IRQ13 is an input from the processor indicating that a
floating point error was detected and that INTR should
be asserted.
• INTR is the level output from the integrated 8259 PICs
and is asserted if an unmasked interrupt request
(IRQn) is sampled active.
• SMI# is a level-sensitive interrupt to the processor that
can be configured to assert on a number of different
system events. After an SMI# assertion, SMM is
entered and program execution begins at the base of
the SMM address space. Once asserted, SMI#
remains active until the SMI source is cleared.
• SUSP# and SUSPA# are handshake pins for imple-
menting CPU Clock Stop and clock throttling.
• CPU_RST resets the CPU and is asserted for approxi-
mately 9 ms after the negation of POR#.
• PCI bus interface signals.
• Display subsystem interface connections.
Figure 3-1. Processor Signal Connections
SERIALP
IRQ13
SMI#
INTR
SUSP#
SUSPA#
AD[31:0]
C/BE[3:0]#
PAR
FRAME#
IRDY#
TRDY#
STOP#
LOCK#
DEVSEL#
PERR#
SERR#
REQ0#
PSERIAL
IRQ13
SMI#
CPU_RST
INTR
SUSP#
SUSPA#
AD[31:0]
C/BE[3:0]#
PAR
FRAME#
IRDY#
TRDY#
STOP#
LOCK#
DEVSEL#
PERR#
SERR#
REQ#
GNT#
GNT0#
Geode™ GXLV
Geode™ CS5530
RESET
PCLK
CRT_HSYNC
CRT_VSYNC
PIXEL[17:0]
FP_HSYNC
FP_VSYNC
ENA_DISP
VID_VAL
VID_CLK
VID_DATA[7:0]
VID_RDY
PCLK
HSYNC
VSYNC
PIXEL[23:0]
FP_HSYNC
FP_VSYNC
ENA_DISP
VID_VAL
VID_CLK
VID_DATA[7:0]
VID_RDY
DCLK
DCLK
I/O Companion
Processor
Note: Refer to Figure 3-3 for correct interconnection
of PIXEL lines with the processor.
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com