Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 51 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 51 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 47Page - National Semiconductor (TI) CS5530 Datasheet HTML 48Page - National Semiconductor (TI) CS5530 Datasheet HTML 49Page - National Semiconductor (TI) CS5530 Datasheet HTML 50Page - National Semiconductor (TI) CS5530 Datasheet HTML 51Page - National Semiconductor (TI) CS5530 Datasheet HTML 52Page - National Semiconductor (TI) CS5530 Datasheet HTML 53Page - National Semiconductor (TI) CS5530 Datasheet HTML 54Page - National Semiconductor (TI) CS5530 Datasheet HTML 55Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 241 page
background image
Revision 4.1
51
www.national.com
Funcitonal Description (Continued)
3.3.3.1
DCLK Programming
The PLL contains an input divider (ID), feedback divider
(FD) and a post divider (PD). The programming of the
dividers is through F4BAR+Memory Offset 24h (see Table
3-9). The maximum output frequency is 300 MHz. The
output frequency is given by equation #1:
Equation #1:
DCLK = [CLK_14MHZ * FD] ÷ [PD *ID]
Condition:
140 MHz < [DCLK * PD] < 300 MHz
Where:
CLK_14MHZ is pin P24
FD is derived from N see equation #2 and #3:
PD is derived from bits [28:24]
ID is derived from bits [2:0]
Equation #2:
If FD is an odd number then: FD = 2*N +1
Equation #3:
If FD is an even number then: FD = 2*N +0
Where:
N is derived from bits [22:12]
+1 is achieved by setting bit 23 to 1.
+0 is achieved by clearing bit 23 to 0.
Example
Define Target Frequency:
Target frequency = 135 MHz
Satisfy the “Condition”:
(140 MHz < [DCLK * PD] < 300 MHz)
140 MHz < [135 MHz * 2] < 300 MHz
Therefore PD = 2
Solve Equation #1:
DCLK = [CLK_14MHZ * FD] ÷ [PD *ID]
135 = [14.31818 * FD] ÷ [2 * ID]
135 = [7.159 * FD] ÷ ID
18.86 = FD ÷ ID
Guess: ID = 7, Solve for FD
FD = 132.02
Solve Equation #2 or #3:
FD = 2*N +1 for odd FD
FD = 2*N +0 for even FD
FD is 132, therefore even
132 = 2*N +0
N= 66
Summarize:
PD = 2: Bits [28:24] = 00111
ID = 7: Bits [2:0] = 101
N = 66: Bits [22:12] = 073h (found in Table 3-10),
clear bit 23
Result:
DCLK = 135
The BIOS has been provided with a complete table of divi-
sor values for supported video clock frequencies. Many
combinations of divider values and VCO frequencies are
possible to achieve a certain output clock frequency.
TheseBIOS valuesmay be adjustedfromtimetotimeto
meet system frequency accuracy and jitter requirements.
For applications that do not use the GXLV processor’s
video, this is an available clock for general purpose use.
The transition from one DCLK frequency to another is not
guaranteed to be smooth or bounded; therefore, new
divider coefficients should only be programmed while the
PLL is off line in a situation where the transition character-
istics of the clock are “don't care”. The steps below
describe (in order) how to change the DCLK frequency.
1)
Program the new clock frequency
2)
Program Reset (bit 31) high and Bypass PLL (bit 8)
high.
3)
Wait at least 500 µs for PLL to settle.
4)
Program Reset (bit 31) low.
5)
Program Bypass PLL (bit 8) low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com