Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 30 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 30 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 26Page - National Semiconductor (TI) CS5530 Datasheet HTML 27Page - National Semiconductor (TI) CS5530 Datasheet HTML 28Page - National Semiconductor (TI) CS5530 Datasheet HTML 29Page - National Semiconductor (TI) CS5530 Datasheet HTML 30Page - National Semiconductor (TI) CS5530 Datasheet HTML 31Page - National Semiconductor (TI) CS5530 Datasheet HTML 32Page - National Semiconductor (TI) CS5530 Datasheet HTML 33Page - National Semiconductor (TI) CS5530 Datasheet HTML 34Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 241 page
background image
www.national.com
30
Revision 4.1
Signal Definitions (Continued)
DRQ[7:5],
DRQ[3:0]
Refer
to
Table
2-3
I
5VT
DMA Request - Channels [7:5], [3:0]
DRQ inputs are asserted by ISA DMA devices to request a DMA transfer.
The request must remain asserted until the corresponding DACK is
asserted.
DACK[7:5]#,
DACK[3:0]#
Refer
to
Table
2-3
O
DMA Acknowledge - Channels [7:5], [3:0]
DACK outputs are asserted to indicate when a DRQ is granted and the
start of a DMA cycle.
TC
AF15
O
Terminal Count
TC signals the final data transfer of a DMA transfer.
2.2.5
ISA Bus Interface (Continued)
Signal Name
Pin
No.
Type
Description
2.2.6
ROM Interface
Signal Name
Pin
No.
Type
Description
KBROMCS#
AE4
O
Keyboard/ROM Chip Select
KBROMCS# is the enable pin for the BIOS ROM and for the keyboard
controller. For ROM accesses, KBROMCS# is asserted for ISA memory
accesses programmed at F0 Index 52h[2:0].
For keyboard controller accesses, KBROMCS# is asserted for I/O
accesses to I/O Ports 060h, 062h, 064h, and 066h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com