Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 40 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 40 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 36Page - National Semiconductor (TI) CS5530 Datasheet HTML 37Page - National Semiconductor (TI) CS5530 Datasheet HTML 38Page - National Semiconductor (TI) CS5530 Datasheet HTML 39Page - National Semiconductor (TI) CS5530 Datasheet HTML 40Page - National Semiconductor (TI) CS5530 Datasheet HTML 41Page - National Semiconductor (TI) CS5530 Datasheet HTML 42Page - National Semiconductor (TI) CS5530 Datasheet HTML 43Page - National Semiconductor (TI) CS5530 Datasheet HTML 44Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 241 page
background image
www.national.com
40
Revision 4.1
3.0
Functional Description
The Geode CS5530 I/O companion provides many sup-
port functions for the GXLV processor. This chapter dis-
cusses the detailed operations of the CS5530 in two
categories: system-level activities and operations/pro-
gramming of the major functional blocks.
The system-level discussion topics revolve around events
that affect the device as a whole unit and as an interface
with other chips (e.g., processor): Topics include:
• Processor Interface
- Display Subsystem Connections
- PSERIAL Pin Interface
•PCI Bus Interface
- PCI Initiator
-PCI Target
- Special Bus Cycles - Shutdown/Halt
-PCI Bus Parity
- PCI Interrupt Routing Support
- Delayed Transactions
• Resets and Clocks
-Resets
-ISA Clock
-DOT Clock
• Power Management
- APM Support
- CPU Power Management
- Peripheral Power Management
All of the major functional blocks interact with the proces-
sor through the PCI bus, or via its own direct interface.
The major functional blocks are divided out as:
• PC/AT Compatibility Logic
- ISA Bus Interface
- ROM Interface
- Megacells
- I/O Port 092h and 061h System Control
- Keyboard Interface Function
- External Real-Time Clock Interface
• IDE Controller
- IDE Interface Signal
- IDE Configuration Registers
• XpressAUDIO
- Data Transport Hardware
- VSA Technology Support Hardware
• Display Subsystem Extensions
- Video Interface Configuration Registers
- Video Accelerator
- Video Overlay
-Gamma RAM
- Display Interface
•USB Interface
- USB PCI Controller
- USB Host Controller
- USB Power Management
Note that this Functional Description section of the data
book describes many of the registers used for configura-
tion of the CS5530; however, not all registers are reported
in detail. Some tables in the following subsections show
only the bits (not the entire register) associated with a
specific function being discussed. For access, register,
and bit information regarding all CS5530 registers refer to
Section 4.0 “Register Descriptions” on page 137.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com