Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 16Page - National Semiconductor (TI) CS5530 Datasheet HTML 17Page - National Semiconductor (TI) CS5530 Datasheet HTML 18Page - National Semiconductor (TI) CS5530 Datasheet HTML 19Page - National Semiconductor (TI) CS5530 Datasheet HTML 20Page - National Semiconductor (TI) CS5530 Datasheet HTML 21Page - National Semiconductor (TI) CS5530 Datasheet HTML 22Page - National Semiconductor (TI) CS5530 Datasheet HTML 23Page - National Semiconductor (TI) CS5530 Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 241 page
background image
www.national.com
20
Revision 4.1
Signal Definitions (Continued)
PCLK
Ismt
A13
PERR#
I/O, t/s, 5VT
PCI
B22
PIXEL0
IIBUF
A1
PIXEL1
IIBUF
A2
PIXEL2
IIBUF
A3
PIXEL3
IIBUF
C4
PIXEL4
IIBUF
B3
PIXEL5
IIBUF
B4
PIXEL6
IIBUF
D5
PIXEL7
IIBUF
A4
PIXEL8
IIBUF
B6
PIXEL9
IIBUF
D6
PIXEL10
IIBUF
A5
PIXEL11
IIBUF
C5
PIXEL12
IIBUF
A7
PIXEL13
IIBUF
D7
PIXEL14
IIBUF
C7
PIXEL15
IIBUF
B8
PIXEL16
IIBUF
A8
PIXEL17
IIBUF
C8
PIXEL18
IIBUF
B9
PIXEL19
IIBUF
A9
PIXEL20
IIBUF
D9
PIXEL21
IIBUF
C9
PIXEL22
IIBUF
B11
PIXEL23
IIBUF
C10
PLLAGD
I, Analog
--
N25
PLLAGS
I, Analog
--
N24
PLLDGN
I, Analog
--
N26
PLLDVD
I, Analog
--
M23
PLLLP
I, Analog
--
N23
PLLRO
I, Analog
--
M26
PLLVAA
I, Analog
--
M25
POR#
IIBUF
K24
POWER_EN
O4 mA
V4
PSERIAL
IIBUF
L26
REQ#
O, 5VT
PCI
J25
SA0/SD0
SD0
I/O (PU), 5VT
8 mA
AE9
SA1/SD1
SD1
I/O (PU), 5VT
8 mA
AE6
SA2/SD2
SD2
I/O (PU), 5VT
8 mA
AD9
SA3/SD3
SD3
I/O (PU), 5VT
8 mA
AC6
SA4/SD4
SD4
I/O (PU), 5VT
8 mA
AF6
SA5/SD5
SD5
I/O (PU), 5VT
8 mA
AD5
SA6/SD6
SD6
I/O (PU), 5VT
8 mA
AF5
SA7/SD7
SD7
I/O (PU), 5VT
8 mA
AF4
SA8/SD8
SD8
I/O (PU), 5VT
8 mA
AF19
SA9/SD9
SD9
I/O (PU), 5VT
8 mA
AD19
SA10/SD10
SD10
I/O (PU), 5VT
8 mA
AC20
SA11/SD11
SD11
I/O (PU), 5VT
8 mA
AF21
SA12/SD12
SD12
I/O (PU), 5VT
8 mA
AE21
SA13/SD13
SD13
I/O (PU), 5VT
8 mA
AE22
Signal Name
Pin Type
(Note 1)
Buffer
Type
(Note 2)
Pin
No.
Limited ISA
Mode
ISA Master
Mode
SA14/SD14
SD14
I/O (PU), 5VT
8 mA
AD24
SA15/SD15
SD15
I/O (PU), 5VT
8 mA
AE25
SA16
I/O (PU), 5VT
8 mA
AD11
SA17
I/O (PU), 5VT
8 mA
AF12
SA18
I/O (PU), 5VT
8 mA
AE11
SA19
I/O (PU), 5VT
8 mA
AD10
SA_LATCH
SA_DIR
O4 mA
AD15
SBHE#
I/O (PU), 5VT
8 mA
AE17
SDATA_IN
I, 5VT
IBUF
U4
SDATA_OUT
O4 mA
V1
SERR#
I/O, OD, 5VT
PCI
A22
SMEMR#/RTCALE
O4 mA
AD4
SMEMW#/RTCCS#
O4 mA
AF3
SMI#
I/O
4 mA
P25
STOP#
I/O, t/s, 5VT
PCI
E26
SUSP#
O4 mA
K26
SUSPA#
IIBUF
L25
SUSP_3V
I/O
4 mA
L24
SYNC
O4 mA
U3
TC
O8 mA
AF15
TEST
IIBUF
D3
TRDY#
I/O, t/s, 5VT
PCI
B23
TVCLK
I, 5VT
4 mA
B2
USBCLK
Ismt
W1
VDD
PWR
--
D10
VDD
PWR
--
D17
VDD
PWR
--
AB4
VDD
PWR
--
AC10
VDD
PWR
--
AC19
VDD
PWR
--
AD16
VDD
PWR
--
AD23
VDD
PWR
--
C19
VDD
PWR
--
C24
VDD
PWR
--
C3
VDD
PWR
--
D21
VDD
PWR
--
F24
VDD
PWR
--
F4
VDD
PWR
--
H24
VDD
PWR
--
L23
VDD
PWR
--
L4
VDD
PWR
--
T23
VDD
PWR
--
U2
VDD
PWR
--
Y23
VID_CLK
Ismt
A6
VID_DATA0
IIBUF
A11
VID_DATA1
IIBUF
C13
VID_DATA2
IIBUF
B13
VID_DATA3
IIBUF
C11
VID_DATA4
IIBUF
D11
VID_DATA5
IIBUF
A12
VID_DATA6
IIBUF
B12
Signal Name
Pin Type
(Note 1)
Buffer
Type
(Note 2)
Pin
No.
Limited ISA
Mode
ISA Master
Mode
Table 2-3.
352 TBGA Pin Assignments - Sorted Alphabetically by Signal Name (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com