Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 35 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 35 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 31Page - National Semiconductor (TI) CS5530 Datasheet HTML 32Page - National Semiconductor (TI) CS5530 Datasheet HTML 33Page - National Semiconductor (TI) CS5530 Datasheet HTML 34Page - National Semiconductor (TI) CS5530 Datasheet HTML 35Page - National Semiconductor (TI) CS5530 Datasheet HTML 36Page - National Semiconductor (TI) CS5530 Datasheet HTML 37Page - National Semiconductor (TI) CS5530 Datasheet HTML 38Page - National Semiconductor (TI) CS5530 Datasheet HTML 39Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 241 page
background image
Revision 4.1
35
www.national.com
Signal Definitions (Continued)
DDC_SDA
M4
I/O
5VT
DDC Serial Data
This is the bidirectional serial data signal for the VESA Display Data
Channel interface. It is used to monitor communications. The DDC2B
standard is supported by this interface.
The direction of this pin can be configured through F4BAR+Memory Off-
set 04h[24]: 0 = Input; 1 = Output.
IREF
(Video DAC)
R3
I
Analog
VDAC Current Reference Input
Connect a 732 ohm resistor between this pin and AVSS (analog ground
for Video DAC).
VREF
(Video DAC)
T1
I
Analog
VDAC Voltage Reference Output
Unused DAC output. Connect a 0.1 µF capacitor between this pin and
AVSS (analog ground for Video DAC).
EXTVREFIN
(Video DAC)
T2
I
Analog
External Voltage Reference Pin
When using an external voltage reference, connect this pin to a 1.235V
voltage reference.
AVDD1 (DAC)
U1
I
Analog
Analog Power for Video DAC
These pins provide power to the analog portions of the Video DAC.
AVDD2 (VREF)
T3
AVDD3 (DAC)
N4
AVSS1 (DAC)
R2
I
Analog
Analog Ground for Video DAC
These pins provide the ground plane connections to the analog portions
of the Video DAC.
AVSS2 (ICAP)
R4
AVSS3 (VREF)
T4
AVSS4 (ICAP)
P1
AVSS5 (DAC)
P2
IOUTR
(Video DAC)
P3
O
Analog
Red DAC Output
Red analog output.
IOUTG
(Video DAC)
P4
O
Analog
Green DAC Output
Green analog output.
IOUTB
(Video DAC)
R1
O
Analog
Blue DAC Output
Blue analog output.
Display TFT/TV
FP_DATA17/
MASTER#
F3
O
Limited ISA Mode: Flat Panel Data Port Line 17
Refer to FP_DATA[15:0] signal description.
I
ISA Master Mode: Master
Refer to Section 2.2.5 “ISA Bus Interface” on page 27 for this signal’s def-
inition.
FP_DATA16/
SA_OE#
H3
O
Limited ISA Mode: Flat Panel Data Port Line 16
Refer to FP_DATA[15:0] signal description.
O
ISA Master Mode: System Address Transceiver Output Enable
Refer to Section 2.2.5 “ISA Bus Interface” on page 27 for this signal’s def-
inition.
2.2.11 Display Interface (Continued)
Signal Name
Pin
No.
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com