Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5530 Datasheet(PDF) 92 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530
Description  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 Datasheet(HTML) 92 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 88Page - National Semiconductor (TI) CS5530 Datasheet HTML 89Page - National Semiconductor (TI) CS5530 Datasheet HTML 90Page - National Semiconductor (TI) CS5530 Datasheet HTML 91Page - National Semiconductor (TI) CS5530 Datasheet HTML 92Page - National Semiconductor (TI) CS5530 Datasheet HTML 93Page - National Semiconductor (TI) CS5530 Datasheet HTML 94Page - National Semiconductor (TI) CS5530 Datasheet HTML 95Page - National Semiconductor (TI) CS5530 Datasheet HTML 96Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 241 page
background image
www.national.com
92
Revision 4.1
Functional Description (Continued)
3.5.4.1
Direct Memory Access (DMA)
The 8237-compatible DMA controllers on the CS5530
control transfers between ISA I/O devices and PCI or ISA
memory. They generate a bus request to the PCI bus
when an I/O device requests a DMA operation. Once they
are granted the bus, the DMA transfer cycle occurs. DMA
transfers can occur over the entire 32-bit address range of
the PCI bus.
The CS5530 contains registers for driving the high
address bits (high page) and registers for generating the
middle address bits (low page) output by the 8237 control-
ler.
DMA Controllers
The CS5530 supports seven DMA channels using two
standard 8237-equivalent controllers. DMA Controller 1
contains Channels 0 through 3 and supports 8-bit I/O
adapters. These channels are used to transfer data
between 8-bit peripherals and PCI memory or 8/16-bit ISA
memory. Using the high and low page address registers, a
full 32-bit PCI address is output for each channel so they
can all transfer data throughout the entire 4 GB system
address space. Each channel can transfer data in 64 KB
pages.
DMA Controller 2 contains Channels 4 through 7. Chan-
nel 4 is used to cascade DMA Controller 1, so it is not
available externally. Channels 5 through 7 support 16-bit
I/O adapters to transfer data between 16-bit I/O adapters
and 16-bit system memory. Using the high and low page
address registers, a full 32-bit PCI address is output for
each channel so they can all transfer data throughout the
entire 4 GB system address space. Each channel can
transfer data in 128 KB pages. Channels 5, 6, and 7 trans-
fer 16-bit words on even byte boundaries only.
DMA Transfer Modes
Each DMA channel can be programmed for single, block,
demand or cascade transfer modes. In the most com-
monly used mode, single transfer mode, one DMA cycle
occurs per DRQ and the PCI bus is released after every
cycle. This allows the CS5530 to timeshare the PCI bus
with the CPU. This is imperative, especially in cases
involving large data transfers, because the CPU gets
locked out for too long.
In block transfer mode, the DMA controller executes all of
its transfers consecutively without releasing the PCI bus.
In demand transfer mode, DMA transfer cycles continue to
occur as long as DRQ is high or terminal count is not
reached. In this mode, the DMA controller continues to
execute transfer cycles until the I/O device drops DRQ to
indicate its inability to continue providing data. For this
case, the PCI bus is held by the CS5530 until a break in
the transfers occurs.
In cascade mode, the channel is connected to another
DMA controller or to an ISA bus master, rather than to an
I/O device. In the CS5530, one of the 8237 controllers is
designated as the master and the other as the slave. The
HOLD output of the slave is tied to the DRQ0 input of the
master (Channel 4), and the master’s DACK0# output is
tied to the slave’s HLDA input.
In each of these modes, the DMA controller can be pro-
grammed for read, write, or verify transfers.
Both DMA controllers are reset at Power On Reset (POR)
to fixed priority. Since master Channel 0 is actually con-
nected to the slave DMA controller, the slave’s four DMA
channels have the highest priority, with Channel 0 as
highest and Channel 3 as the lowest. Immediately follow-
ing slave Channel 3, master Channel 1 (Channel 5) is the
next highest, followed by Channels 6 and 7.
DMA Controller Registers
The DMA controller can be programmed with standard I/O
cycles to the standard register space for DMA. The I/O
addresses of all registers for the DMA controller are listed
in Table 4-25 "DMA Channel Control Registers" on page
208.
Addresses under Master are for the 16-bit DMA channels,
and Slave corresponds to the 8-bit channels. When writ-
ing to a channel's address or word-count register, the data
is written into both the base register and the current regis-
ter simultaneously. When reading a channel address or
word count register, only the current address or word
count can be read. The base address and base word
count are not accessible for reading.
DMA Transfer Types
Each of the seven DMA channels may be programmed to
perform one of three types of transfers: read, write, or ver-
ify. Thetransfertype selecteddefines themethodusedto
transfer a BYTE or WORD during one DMA bus cycle.
For read transfer types, the CS5530 reads data from
memory andwritesittothe I/Odeviceassociatedwiththe
DMA channel.
For write transfer types, the CS5530 reads data from the
I/O device associated with the DMA channel and writes to
the memory.
The verify transfer type causes the CS5530 to execute
DMA transfer bus cycles, including generation of memory
addresses, but neither the Read nor Write command lines
are activated. This transfer type was used by DMA Chan-
nel 0 to implement DRAM refresh in the original IBM
PC/XT™.
DMA Priority
The DMA controller may be programmed for two types of
priority schemes: fixed and rotate (I/O Ports 008h[4] and
0D0h[4], as shown in Table 4-25 "DMA Channel Control
Registers" on page 208.
In fixed priority, the channels are fixed in priority order
based on the descending values of their numbers. Thus,
Channel 0 has the highest priority. In rotate priority, the
last channel to get service becomes the lowest-priority



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com